Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 205 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 205 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 201Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 202Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 203Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 204Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 205Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 206Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 207Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 208Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 209Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 212 page
background image
Revision 3
5-1
5 – Datasheet Information
List of Changes
The following table lists critical changes that were made in each revision of the datasheet.
Revision
Changes
Page
Revision 3
(September 2012)
The "Security" section was modified to clarify that Microsemi does not support read-back
of programmed data.
1-2
Revision 2
(June 2012)
The FG484 package was added for A3P1000 in Table 1 • Military ProASIC3/EL Low-
Power Devices, the I/Os Per Package 1 table , and the "Temperature Grade Offerings"
table (SAR 39010).
I, II,
IV
The "FG484" pin table for A3P1000 has been added (SAR 39010).
4-15
Revision 1
(June 2011)
In the "High Performance" section, 66-Bit PCI was corrected to 64-Bit PCI (SAR 31977).
I
The A3P250 device and VQ100 package were added to product tables in the "Military
ProASIC3/EL Low Power Flash FPGAs" chapter (SAR 30526).
I
The Y security option and Licensed DPA Logo were added to the "Military ProASIC3/EL
Ordering Information" section. The trademarked Licensed DPA Logo identifies that a
product is covered by a DPA counter-measures license from Cryptography Research
(SAR 32151).
III
The A3P250 device was added to applicable tables in the "Military ProASIC3/EL DC and
Switching Characteristics" chapter (SAR 30526).
2-1
The VPUMP voltage for operation mode was changed from "0 to 3.45 V" to "0 to 3.6 V" in
Table 2-2 • Recommended Operating Conditions 1(SAR 25220).
2-2
3.3 V LVCMOS wide range and 1.2 V LVCMOS wide range were added to applicable
tables in the following sections (SAR 28061):
Table 2-2 • Recommended Operating Conditions 1
"Power per I/O Pin"
"Overview of I/O Performance"
"Summary of I/O Timing Characteristics – Default I/O Software Settings"
"User I/O Characteristics"
"Detailed I/O DC Characteristics"
"Single-Ended I/O Characteristics" (SAR 31925)
2-2
2-11
2-24
2-27
2-20
2-31
2-39
The "Quiescent Supply Current " section was updated.
Table 2-7 • Power Supply State Per Mode is new (SAR 24882, 24112, 32549).
New values were added to the following tables (SAR 30619):
Table 2-8 • Quiescent Supply Current (IDD) Characteristics, Flash*Freeze Mode*
Table 2-10 • Quiescent Supply Current (IDD) Characteristics, Shutdown Mode*
Table 2-11 • Quiescent Supply Current (IDD), Static Mode and Active Mode 1 (the name
of this table changed from "No Flash*Freeze Mode" to "Static Mode and Active Mode" per
SAR 32549)
Table 2-12 • Quiescent Supply Current (IDD) Characteristics for A3P250 and A3P1000
The military maximum current for A3P1000 was revised in the following table (SAR
30620):
Table 2-12 • Quiescent Supply Current (IDD) Characteristics for A3P250 and A3P1000
2-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com