Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 206 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 206 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 202Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 203Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 204Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 205Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 206Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 207Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 208Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 209Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 210Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 212 page
background image
Datasheet Information
5-2
Revision 3
All timing and power tables were updated to reflect changes in the software resulting from
characterization and bug fixes (SAR 32394).
2-11
to
2-14
8
Revision 1
(continued)
In the following tables for A3P250 and A3P1000, the note regarding dynamic power was
revised to, "Dynamic Power consumption is given for software default drive strength and
output slew. Output load is lower than the software default" (SAR 32449).
Table 2-17 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings 1
Table 2-18 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings
2-14,
2-14
Values for A3PE600L and A3P250 were added to Table 2-20 • Different Components
Contributing to Dynamic Power Consumption in Military ProASIC3 and ProASIC3/EL
Devices at 1.5 V VCC. Values in the table, and in Table 2-19 • Different Components
Contributing to Dynamic Power Consumption in Military ProASIC3/EL Devices Operating
at 1.2 V VCC, were updated were updated to reflect changes in the software resulting
from characterization and bug fixes (SAR 30528).
2-15,
2-16
Table 2-21 • Different Components Contributing to the Static Power Consumption in
Military ProASIC3/EL Devices and the "Total Static Power Consumption—PSTAT"
calculation were updated to add PDC0 (SAR 32549).
2-16,
2-17
The "Timing Model" was updated (SAR 29793).
2-20
The title of Table 2-28 • Summary of AC Measuring Points was changed from "Summary
of AC Memory Points" (SAR 32446).
2-27
The following note was added to Table 2-30, Table 2-31, and Table 2-31, Summary of I/O
Timing Characteristics (SAR 32449):
"Output delays provided in this table were extracted with an output load indicated in the
Capacitive Load column. For a specific output load, refer to Designer software."
2-28
Resistances and short circuit currents were updated (SARs 29793, 31717):
Table 2-35 • I/O Output Buffer Maximum Resistances 1 Applicable to Pro I/Os for
A3PE600L and A3PE3000L Only
Table 2-39 • I/O Short Currents IOSH/IOSL Applicable to Pro I/Os for A3PE600L and
A3PE3000L Only (SAR 31717)
Tables for Pro I/Os in the "Single-Ended I/O Characteristics" section (SAR 31717).
2-32
throu
gh
2-35
The drive strength was changed from 25 mA to 20 mA for 3.3 V and 2.5 V GTL
(SAR 31978). This affects the following tables:
Table 2-24 • Summary of Maximum and Minimum DC Input and Output Levels
Table 2-30 • Summary of I/O Timing Characteristics—Software Default Settings (SAR
32394)
Table 2-31 • Summary of I/O Timing Characteristics—Software Default Settings
Table 2-35 • I/O Output Buffer Maximum Resistances 1 Applicable to Pro I/Os for
A3PE600L and A3PE3000L Only
Table 2-39 • I/O Short Currents IOSH/IOSL Applicable to Pro I/Os for A3PE600L and
A3PE3000L Only
Table 2-119 • Minimum and Maximum DC Input and Output Levels
Table 2-123 • Minimum and Maximum DC Input and Output Levels
2-24
2-28
2-29
2-32
2-35
2-75
2-77
The values in Table 2-38 • I/O Weak Pull-Up/Pull-Down Resistances were revised (SAR
29793, 28061).
2-34
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com