Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 207 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 207 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 203Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 204Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 205Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 206Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 207Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 208Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 209Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 210Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 211Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
5-3
The AC Loading diagrams in the "Single-Ended I/O Characteristics" section were
updated to match summary of I/O timing tables in the "Summary of I/O Timing
Characteristics – Default I/O Software Settings" section (SAR 32449).
2-39
Revision 1
(continued)
The tables in the "Voltage-Referenced I/O Characteristics" section and "Differential I/O
Characteristics" section were updated with current values (SARs 29793, 32391, 32394).
2-75
2-87
Two note references were added to Table 2-159 • Minimum and Maximum DC Input and
Output Levels to clarify the following notes: ±5% [VCCI] and
differential input voltage =
±350 mV [VDIFF] (SAR 29428).
2-88
The "Global Tree Timing Characteristics" section was updated.
Table 2-198 • A3P250 Global Resource is new (SAR 30526).
Available values were added or revised in the following tables (SAR 30698):
Table 2-194 • A3PE600L Global Resource
Table 2-199 • A3P1000 Global Resource
Table 2-196 • A3PE600L Global Resource
2-12
2
Table 2-200 • Military ProASIC3/EL CCC/PLL Specification and Table 2-201 • Military
ProASIC3/EL CCC/PLL Specification were updated with current values (SAR 32521).
2-12
5
The following figures were removed (SAR 29991):
Figure 2-49 • Write Access after Write onto Same Address
Figure 2-50 • Read Access after Write onto Same Address
Figure 2-51 • Write Access after Read onto Same Address
N/A
The naming of the address collision parameters in the SRAM "Timing Characteristics"
section was changed, and values were updated accordingly (SAR 29991).
2-13
1
The values for tCKQ1 in Table 2-202 • RAM4K9, Table 2-203 • RAM4K9, and Table 2-204
• RAM4K9 were reversed with respect to WMODE and have been corrected (SAR
32343).
2-13
1,
2-13
2,
2-13
3
Table 2-211 • FIFO through Table 2-215 • FIFO are new (SAR 32394).
2-14
3,
2-14
7
Tables in the "Embedded FlashROM Characteristics" section were updated (SAR 32392). 2-14
8
The "Pin Descriptions and Packaging" chapter was added (SAR 21642).
3-1
Package names used in the "Package Pin Assignments" section were revised to match
standards given in Package Mechanical Drawings (SAR 27395).
4-1
The "VQ100*" pin table for A3P250 is new (SAR 31975).
4-2
The "FG144" pin table for A3P1000 was updated to remove the Flash*Freeze (FF)
designation from pin L3. This package does not support Flash*Freeze functionality. Pin
W6 of the "FG484" for A3PE600L was designated as the Flash*Freeze control pin for that
package (SAR 24084).
4-7,
4-10
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com