Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 12Page - Texas Instruments CC2500RGPR Datasheet HTML 13Page - Texas Instruments CC2500RGPR Datasheet HTML 14Page - Texas Instruments CC2500RGPR Datasheet HTML 15Page - Texas Instruments CC2500RGPR Datasheet HTML 16Page - Texas Instruments CC2500RGPR Datasheet HTML 17Page - Texas Instruments CC2500RGPR Datasheet HTML 18Page - Texas Instruments CC2500RGPR Datasheet HTML 19Page - Texas Instruments CC2500RGPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
CC2500
SWRS040C
Page 16 of 89
Pin #
Pin Name
Pin Type
Description
1
SCLK
Digital Input
Serial configuration interface, clock input
2
SO
(GDO1)
Digital Output
Serial configuration interface, data output.
Optional general output pin when CSn is high
3
GDO2
Digital Output
Digital output pin for general use:
 Test signals
 FIFO status signals
 Clear Channel Indicator
 Clock output, down-divided from XOSC
 Serial output RX data
4
DVDD
Power (Digital)
1.8 - 3.6 V digital power supply for digital I/O’s and for the digital core
voltage regulator
5
DCOUPL
Power (Digital)
1.6 - 2.0 V digital power supply output for decoupling.
NOTE: This pin is intended for use with the
CC2500 only. It can not be
used to provide supply voltage to other devices.
6
GDO0
(ATEST)
Digital I/O
Digital output pin for general use:
 Test signals
 FIFO status signals
 Clear Channel Indicator
 Clock output, down-divided from XOSC
 Serial output RX data
 Serial input TX data
Also used as analog test I/O for prototype/production testing
7
CSn
Digital Input
Serial configuration interface, chip select
8
XOSC_Q1
Analog I/O
Crystal oscillator pin 1, or external clock input
9
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
10
XOSC_Q2
Analog I/O
Crystal oscillator pin 2
11
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
12
RF_P
RF I/O
Positive RF input signal to LNA in receive mode
Positive RF output signal from PA in transmit mode
13
RF_N
RF I/O
Negative RF input signal to LNA in receive mode
Negative RF output signal from PA in transmit mode
14
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
15
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
16
GND
Ground (Analog)
Analog ground connection
17
RBIAS
Analog I/O
External bias resistor for reference current
18
DGUARD
Power (Digital)
Power supply connection for digital noise isolation
19
GND
Ground (Digital)
Ground connection for digital noise isolation
20
SI
Digital Input
Serial configuration interface, data input
Table 13: Pinout Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com