Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 3 Page - Texas Instruments

  CC2500RGPR Datasheet HTML 1Page - Texas Instruments CC2500RGPR Datasheet HTML 2Page - Texas Instruments CC2500RGPR Datasheet HTML 3Page - Texas Instruments CC2500RGPR Datasheet HTML 4Page - Texas Instruments CC2500RGPR Datasheet HTML 5Page - Texas Instruments CC2500RGPR Datasheet HTML 6Page - Texas Instruments CC2500RGPR Datasheet HTML 7Page - Texas Instruments CC2500RGPR Datasheet HTML 8Page - Texas Instruments CC2500RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
CC2500
SWRS040C
Page 3 of 89
Abbreviations
Abbreviations used in this data sheet are described below.
ACP
Adjacent Channel Power
MSB
Most Significant Bit
ADC
Analog to Digital Converter
MSK
Minimum Shift Keying
AFC
Automatic Frequency Offset Compensation
NA
Not Applicable
AGC
Automatic Gain Control
NRZ
Non Return to Zero (Coding)
AMR
Automatic Meter Reading
OOK
On Off Keying
ARIB
Association of Radio Industries and Businesses
PA
Power Amplifier
BER
Bit Error Rate
PCB
Printed Circuit Board
BT
Bandwidth-Time product
PD
Power Down
CCA
Clear Channel Assessment
PER
Packet Error Rate
CFR
Code of Federal Regulations
PLL
Phase Locked Loop
CRC
Cyclic Redundancy Check
POR
Power-on Reset
CS
Carrier Sense
PQI
Preamble Quality Indicator
CW
Continuous Wave (Unmodulated Carrier)
PQT
Preamble Quality Threshold
DC
Direct Current
RCOSC
RC Oscillator
DVGA
Digital Variable Gain Amplifier
QPSK
Quadrature Phase Shift Keying
ESR
Equivalent Series Resistance
QLP
Quad Leadless Package
FCC
Federal Communications Commission
RC
Resistor-Capacitor
FEC
Forward Error Correction
RF
Radio Frequency
FIFO
First-In-First-Out
RSSI
Received Signal Strength Indicator
FHSS
Frequency Hopping Spread Spectrum
RX
Receive, Receive Mode
2-FSK
Frequency Shift Keying
SMD
Surface Mount Device
GFSK
Gaussian shaped Frequency Shift Keying
SNR
Signal to Noise Ratio
IF
Intermediate Frequency
SPI
Serial Peripheral Interface
I/Q
In-Phase/Quadrature
SRD
Short Range Device
ISM
Industrial, Scientific and Medical
T/R
Transmit/Receive
LBT
Listen Before Transmit
TX
Transmit, Transmit Mode
LC
Inductor-Capacitor
VCO
Voltage Controlled Oscillator
LNA
Low Noise Amplifier
WLAN
Wireless Local Area Networks
LO
Local Oscillator
WOR
Wake on Radio, Low power polling
LQI
Link Quality Indicator
XOSC
Crystal Oscillator
LSB
Least Significant Bit
XTAL
Crystal
MCU
Microcontroller Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com