Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 1 Page - Texas Instruments

  CC2500RGPR Datasheet HTML 1Page - Texas Instruments CC2500RGPR Datasheet HTML 2Page - Texas Instruments CC2500RGPR Datasheet HTML 3Page - Texas Instruments CC2500RGPR Datasheet HTML 4Page - Texas Instruments CC2500RGPR Datasheet HTML 5Page - Texas Instruments CC2500RGPR Datasheet HTML 6Page - Texas Instruments CC2500RGPR Datasheet HTML 7Page - Texas Instruments CC2500RGPR Datasheet HTML 8Page - Texas Instruments CC2500RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
CC2500
SWRS040C
Page 1 of 89
CC2500
Low-Cost Low-Power 2.4 GHz RF Transceiver
Applications
 2400-2483.5 MHz ISM/SRD band systems
 Consumer electronics
 Wireless game controllers
 Wireless audio
 Wireless keyboard and mouse
 RF enabled remote controls
Product Description
The
CC2500 is a low-cost 2.4 GHz transceiver
designed for very low-power wireless appli-
cations. The circuit is intended for the 2400-
2483.5 MHz ISM (Industrial, Scientific and
Medical) and SRD (Short Range Device)
frequency band.
The RF transceiver is integrated with a highly
configurable baseband modem. The modem
supports various modulation formats and has
a configurable data rate up to 500 kBaud.
CC2500 provides extensive hardware support
for packet handling, data buffering, burst
transmissions, clear channel assessment, link
quality indication, and wake-on-radio.
The main operating parameters and the 64-
byte transmit/receive FIFOs of
CC2500 can be
controlled via an SPI interface. In a typical
system, the
CC2500 will be used together with
a microcontroller and a few additional passive
components.
Key Features
RF Performance
High sensitivity (–104 dBm at 2.4 kBaud,
1% packet error rate)
Low current consumption (13.3 mA in RX,
250 kBaud, input well above sensitivity
limit)
Programmable output power up to +1 dBm
Excellent receiver selectivity and blocking
performance
Programmable data rate from 1.2 to 500
kBaud
Frequency range: 2400 – 2483.5 MHz
Analog Features
OOK, 2-FSK, GFSK, and MSK supported
Suitable for frequency hopping and multi-
channel systems due to a fast settling
frequency synthesizer with 90 us settling
time
Automatic
Frequency
Compensation
(AFC) can be used to align the frequency
synthesizer
to
the
received
centre
frequency
Integrated analog temperature sensor
Digital Features
Flexible
support
for
packet
oriented
systems: On-chip support for sync word
detection, address check, flexible packet
length, and automatic CRC handling
Efficient SPI interface: All registers can be
programmed with one “burst” transfer
Digital RSSI output
Programmable channel filter bandwidth
Programmable
Carrier
Sense
(CS)
indicator


Similar Part No. - CC2500RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500RGPR TI2-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
17-Jun-2025
CC2500RGPR.B TI2-CC2500RGPR.B Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
17-Jun-2025
CC2500RGPRG4 TI2-CC2500RGPRG4 Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
17-Jun-2025
CC2500RGPRG4.B TI2-CC2500RGPRG4.B Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
17-Jun-2025
More results

Similar Description - CC2500RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Texas Instruments
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com