Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 31Page - Texas Instruments CC2500RGPR Datasheet HTML 32Page - Texas Instruments CC2500RGPR Datasheet HTML 33Page - Texas Instruments CC2500RGPR Datasheet HTML 34Page - Texas Instruments CC2500RGPR Datasheet HTML 35Page - Texas Instruments CC2500RGPR Datasheet HTML 36Page - Texas Instruments CC2500RGPR Datasheet HTML 37Page - Texas Instruments CC2500RGPR Datasheet HTML 38Page - Texas Instruments CC2500RGPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
CC2500
SWRS040C
Page 35 of 89
automatically added to the first byte appended
after the data payload.
The RSSI value read from the RSSI status
register is a 2’s complement number. The
following procedure can be used to convert the
RSSI reading to an absolute power level
(RSSI_dBm).
1) Read the RSSI status register
2) Convert the reading from a hexadecimal
number to a decimal number (RSSI_dec)
3) If RSSI_dec
≥ 128 then RSSI_dBm =
(RSSI_dec - 256)/2 – RSSI_offset
4) Else if RSSI_dec < 128 then RSSI_dBm =
(RSSI_dec)/2 – RSSI_offset
Table 25 provides typical values for the
RSSI_offset.
Figure 13 shows typical plots of RSSI readings
as a function of input power level for different
data rates.
Data Rate [kBaud]
RSSI_offset [dB]
2.4
71
10
69
250
72
500
72
Table 25: Typical RSSI_offset Values
-120,0
-110,0
-100,0
-90,0
-80,0
-70,0
-60,0
-50,0
-40,0
-30,0
-20,0
-10,0
0,0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Input power [dBm]
2.4 kBaud
10 kBaud
250 kBaud
250 kBaud, reduced current
500 kBaud
Figure 13: Typical RSSI Value vs. Input Power Level for Some Typical Data Rates
17.4
Carrier Sense (CS)
The Carrier Sense (CS) flag is used as a sync
word qualifier and for CCA. The CS flag can
be set based on two conditions, which can be
individually adjusted:
CS is asserted when the RSSI is above a
programmable absolute threshold, and de-
asserted when RSSI is below the same
threshold (with hysteresis).
CS is asserted when the RSSI has
increased with a programmable number of
dB from one RSSI sample to the next, and
de-asserted when RSSI has decreased
with the same number of dB. This setting
is not dependent on the absolute signal
level and is thus useful to detect signals in
environments with a time varying noise
floor.
Carrier Sense can be used as a sync word
qualifier that requires the signal level to be
higher than the threshold for a sync word
search to be performed. The signal can also
be observed on one of the GDO pins by setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com