Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 59Page - Texas Instruments CC2500RGPR Datasheet HTML 60Page - Texas Instruments CC2500RGPR Datasheet HTML 61Page - Texas Instruments CC2500RGPR Datasheet HTML 62Page - Texas Instruments CC2500RGPR Datasheet HTML 63Page - Texas Instruments CC2500RGPR Datasheet HTML 64Page - Texas Instruments CC2500RGPR Datasheet HTML 65Page - Texas Instruments CC2500RGPR Datasheet HTML 66Page - Texas Instruments CC2500RGPR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
CC2500
SWRS040C
Page 63 of 89
0x07: PKTCTRL1 – Packet Automation Control
Bit
Field Name
Reset
R/W
Description
7:5
PQT[2:0]
0 (000)
R/W
Preamble quality estimator threshold. The preamble quality
estimator increases an internal counter by one each time a bit is
received that is different from the previous bit, and decreases the
counter by 8 each time a bit is received that is the same as the
last bit.
A threshold of 4
∙PQT for this counter is used to gate sync word
detection. When PQT=0 a sync word is always accepted.
4
Reserved
0
R0
3
CRC_AUTOFLUSH
0
R/W
Enable automatic flush of RX FIFO when CRC is not OK. This
requires that only one packet is in the RX FIFO and that packet
length is limited to the RX FIFO size.
PKTCTRL0.CC2400_EN must be 0 (default) for the CRC
autoflush function to work correctly.
2
APPEND_STATUS
1
R/W
When enabled, two status bytes will be appended to the payload
of the packet. The status bytes contain RSSI and LQI values, as
well as the CRC OK flag.
1:0
ADR_CHK[1:0]
0 (00)
R/W
Controls address check configuration of received packages.
Setting
Address check configuration
0 (00)
No address check
1 (01)
Address check, no broadcast
2 (10)
Address check and 0 (0x00) broadcast
3 (11)
Address check and 0 (0x00) and 255 (0xFF)
broadcast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com