Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 5Page - Texas Instruments CC2500RGPR Datasheet HTML 6Page - Texas Instruments CC2500RGPR Datasheet HTML 7Page - Texas Instruments CC2500RGPR Datasheet HTML 8Page - Texas Instruments CC2500RGPR Datasheet HTML 9Page - Texas Instruments CC2500RGPR Datasheet HTML 10Page - Texas Instruments CC2500RGPR Datasheet HTML 11Page - Texas Instruments CC2500RGPR Datasheet HTML 12Page - Texas Instruments CC2500RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
CC2500
SWRS040C
Page 9 of 89
4.2
RF Receive Section
Tc = 25
C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design
([4]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Digital channel filter
bandwidth
58
812
kHz
User programmable. The bandwidth limits are
proportional to crystal frequency (given values assume
a 26.0 MHz crystal).
2.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(2-FSK, 1% packet error rate, 20 bytes packet length, 203 kHz digital channel filter bandwidth)
Receiver sensitivity
–104
dBm
The RX current consumption can be reduced by
approximately 1.7 mA by setting
MDMCFG2.DEM_DCFILT_OFF
=1. The typical sensitivity
is then -102 dBm and the temperature range is from 0
oC
to +85
oC.
The sensitivity can be improved to typically –106 dBm
with MDMCFG2.DEM_DCFILT_OFF=0 by programming
registers TEST2 and TEST1 (see page 82). The
temperature range is then from 0
oC to +85oC.
Saturation
–13
dBm
Adjacent channel
rejection
23
dB
Desired channel 3 dB above the sensitivity limit. 250
kHz channel spacing
Alternate channel
rejection
31
dB
Desired channel 3 dB above the sensitivity limit. 250
kHz channel spacing
See Figure 22 for plot of selectivity versus frequency
offset
Blocking
±10 MHz offset
±20 MHz offset
±50 MHz offset
64
70
71
dBm
dBm
dBm
Wanted signal 3 dB above sensitivity level.
Compliant with ETSI EN 300 440 class 2 receiver
requirements.
10 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(2-FSK, 1% packet error rate, 20 bytes packet length, 232 kHz digital channel filter bandwidth)
Receiver sensitivity
–99
dBm
The RX current consumption can be reduced by
approximately 1.7 mA by setting
MDMCFG2.DEM_DCFILT_OFF
=1. The typical sensitivity
is then -97 dBm
The sensitivity can be improved to typically –101 dBm
with MDMCFG2.DEM_DCFILT_OFF=0 by programming
registers TEST2 and TEST1 (see page 82). The
temperature range is then from 0
oC to +85oC.
Saturation
–9
dBm
Adjacent channel
rejection
18
dB
Desired channel 3 dB above the sensitivity limit. 250
kHz channel spacing
Alternate channel
rejection
25
dB
Desired channel 3 dB above the sensitivity limit. 250
kHz channel spacing
See Figure 23 for plot of selectivity versus frequency
offset
Blocking
±10 MHz offset
±20 MHz offset
±50 MHz offset
59
65
66
dB
dB
dB
Wanted signal 3 dB above sensitivity level.
Compliant with ETSI EN 300 440 class 2 receiver
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com