Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 41Page - Texas Instruments CC2500RGPR Datasheet HTML 42Page - Texas Instruments CC2500RGPR Datasheet HTML 43Page - Texas Instruments CC2500RGPR Datasheet HTML 44Page - Texas Instruments CC2500RGPR Datasheet HTML 45Page - Texas Instruments CC2500RGPR Datasheet HTML 46Page - Texas Instruments CC2500RGPR Datasheet HTML 47Page - Texas Instruments CC2500RGPR Datasheet HTML 48Page - Texas Instruments CC2500RGPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
CC2500
SWRS040C
Page 45 of 89
be set to the centre of the lowest channel
frequency that is to be used.
The desired channel number is programmed
with
the
8-bit
channel
number
register,
CHANNR.CHAN
, which is multiplied by the
channel offset. The resultant carrier frequency
is given by:
2
_
16
2
_
256
2
E
CHANSPC
XOSC
carrier
M
CHANSPC
CHAN
FREQ
f
f
With a 26 MHz crystal the maximum channel
spacing is 405 kHz. To get e.g. 1 MHz channel
spacing one solution is to use 333 kHz
channel spacing and select each third channel
in CHANNR.CHAN.
The preferred IF frequency is programmed
with the FSCTRL1.FREQ_IF register. The IF
frequency is given by:
IF
FREQ
f
f
XOSC
IF
_
2
10
Note that the SmartRF
® Studio software [5]
automatically
calculates
the
optimum
FSCTRL1.FREQ_IF
register setting based on
channel spacing and channel filter bandwidth.
If any frequency programming register is
altered when the frequency synthesizer is
running,
the
synthesizer
may
give
an
undesired response. Hence, the frequency
programming should only be updated when
the radio is in the IDLE state.
22 VCO
The VCO is completely integrated on-chip.
22.1
VCO and PLL Self-Calibration
The
VCO
characteristics
will
vary
with
temperature and supply voltage changes, as
well as the desired operating frequency. In
order to ensure reliable operation,
CC2500
includes frequency synthesizer self-calibration
circuitry. This calibration should be done
regularly, and must be performed after turning
on power and before using a new frequency
(or channel). The number of XOSC cycles for
completing the PLL calibration is given in
Table 28 on page 42.
The calibration can be initiated automatically
or
manually.
The
synthesizer
can
be
automatically
calibrated
each
time
the
synthesizer is turned on, or each time the
synthesizer is turned off automatically. This is
configured
with
the
MCSM0.FS_AUTOCAL
register
setting.
In
manual
mode,
the
calibration
is
initiated
when
the
SCAL
command strobe is activated in the IDLE
mode.
Note that the calibration values are maintained
in SLEEP mode, so the calibration is still valid
after waking up from SLEEP mode (unless
supply voltage or temperature has changed
significantly).
To check that the PLL is in lock the user can
program register IOCFGx.GDOx_CFG to 0x0A
and use the lock detector output available on
the GDOx pin as an interrupt for the MCU (x =
0,1 or 2). A positive transition on the GDOx pin
means that the PLL is in lock. As an alternative
the user can read register FSCAL1. The PLL is
in lock if the register content is different from
0x3F. Refer also to the
CC2500 Errata Notes
[1]. For more robust operation the source code
could include a check so that the PLL is re-
calibrated until PLL lock is achieved if the PLL
does not lock the first time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com