Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 58Page - Texas Instruments CC2500RGPR Datasheet HTML 59Page - Texas Instruments CC2500RGPR Datasheet HTML 60Page - Texas Instruments CC2500RGPR Datasheet HTML 61Page - Texas Instruments CC2500RGPR Datasheet HTML 62Page - Texas Instruments CC2500RGPR Datasheet HTML 63Page - Texas Instruments CC2500RGPR Datasheet HTML 64Page - Texas Instruments CC2500RGPR Datasheet HTML 65Page - Texas Instruments CC2500RGPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
CC2500
SWRS040C
Page 62 of 89
0x03: FIFOTHR – RX FIFO and TX FIFO Thresholds
Bit
Field Name
Reset
R/W
Description
7:4
Reserved
0
R0
Write 0 for compatibility with possible future extensions
3:0
FIFO_THR[3:0]
7 (0111)
R/W
Set the threshold for the TX FIFO and RX FIFO. The threshold
is exceeded when the number of bytes in the FIFO is equal to
or higher than the threshold value.
Setting
Bytes in TX FIFO
Bytes in RX FIFO
0 (0000)
61
4
1 (0001)
57
8
2 (0010)
53
12
3 (0011)
49
16
4 (0100)
45
20
5 (0101)
41
24
6 (0110)
37
28
7 (0111)
33
32
8 (1000)
29
36
9 (1001)
25
40
10 (1010)
21
44
11 (1011)
17
48
12 (1100)
13
52
13 (1101)
9
56
14 (1110)
5
60
15 (1111)
1
64
0x04: SYNC1 – Sync Word, High Byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[15:8]
211 (0xD3)
R/W
8 MSB of 16-bit sync word
0x05: SYNC0 – Sync Word, Low Byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[7:0]
145 (0x91)
R/W
8 LSB of 16-bit sync word
0x06: PKTLEN – Packet Length
Bit
Field Name
Reset
R/W
Description
7:0
PACKET_LENGTH
255 (0xFF)
R/W
Indicates the packet length when fixed packet length is
enabled. If variable length packets are used, this value
indicates the maximum length packets allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com