Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 25Page - Texas Instruments CC2500RGPR Datasheet HTML 26Page - Texas Instruments CC2500RGPR Datasheet HTML 27Page - Texas Instruments CC2500RGPR Datasheet HTML 28Page - Texas Instruments CC2500RGPR Datasheet HTML 29Page - Texas Instruments CC2500RGPR Datasheet HTML 30Page - Texas Instruments CC2500RGPR Datasheet HTML 31Page - Texas Instruments CC2500RGPR Datasheet HTML 32Page - Texas Instruments CC2500RGPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
CC2500
SWRS040C
Page 29 of 89
15.1
Data Whitening
From a radio perspective, the ideal over the air
data are random and DC free. This results in
the smoothest power distribution over the
occupied bandwidth. This also gives the
regulation
loops
in
the
receiver
uniform
operation conditions (no data dependencies).
Real world data often contain long sequences
of zeros and ones. Performance can then be
improved
by
whitening
the
data
before
transmitting, and de-whitening the data in the
receiver. With
CC2500, this can be done
automatically
by
setting
PKTCTRL0.WHITE_DATA
=1. All data, except
the preamble and the sync word, are then
XOR-ed with a 9-bit pseudo-random (PN9)
sequence before being transmitted as shown
in Figure 10. At the receiver end, the data are
XOR-ed
with
the
same
pseudo-random
sequence. This way, the whitening is reversed,
and the original data appear in the receiver.
The PN9 sequence is reset to all 1’s.
Data whitening can only be used when
PKTCTRL0.CC2400_EN
=0 (default).
Figure 10: Data Whitening in TX Mode
15.2
Packet Format
The format of
the data packet can be
configured and consists of the following items
(see Figure 11):
Preamble
Synchronization word
Length byte or constant programmable
packet length
Optional address byte
Payload
Optional 2 byte CRC
Preamble bits
(1010...1010)
Data field
Optional CRC-16 calculation
Optionally FEC encoded/decoded
8 x n bits
16/32 bits
8
bits
8
bits
8 x n bits
16 bits
Optional data whitening
Legend:
Inserted automatically in TX,
processed and removed in RX.
Optional user-provided fields processed in TX,
processed but not removed in RX.
Unprocessed user data (apart from FEC
and/or whitening)
Figure 11: Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com