Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 79 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 75Page - Texas Instruments CC2500RGPR Datasheet HTML 76Page - Texas Instruments CC2500RGPR Datasheet HTML 77Page - Texas Instruments CC2500RGPR Datasheet HTML 78Page - Texas Instruments CC2500RGPR Datasheet HTML 79Page - Texas Instruments CC2500RGPR Datasheet HTML 80Page - Texas Instruments CC2500RGPR Datasheet HTML 81Page - Texas Instruments CC2500RGPR Datasheet HTML 82Page - Texas Instruments CC2500RGPR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
CC2500
SWRS040C
Page 79 of 89
0x22: FREND0 – Front End TX configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:4
LODIV_BUF_CURRENT_TX[1:0]
1 (01)
R/W
Adjusts current TX LO buffer (input to PA). The value to use in
this field is given by the SmartRF
Studio software [5].
3
Reserved
R0
2:0
PA_POWER[2:0]
0 (000)
R/W
Selects PA power setting. This value is an index to the
PATABLE. In OOK mode, this selects the PATABLE index to
use when transmitting a ‘1’. PATABLE index zero is used in
OOK when transmitting a ‘0’.
0x23: FSCAL3 – Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
7:6
FSCAL3[7:6]
2 (10)
R/W
Frequency synthesizer calibration configuration. The value to write in
this register before calibration is given by the SmartRF
Studio
software [5].
5:4
CHP_CURR_CAL_EN[1:0]
2 (10)
R/W
Disable charge pump calibration stage when 0
3:0
FSCAL3[3:0]
9
(1001)
R/W
Frequency synthesizer calibration result register. Digital bit vector
defining the charge pump output current, on an exponential scale:
IOUT=I0·2
FSCAL3[3:0]/4
Fast frequency hopping without calibration for each hop can be done
by calibrating upfront for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register values. Between each
frequency hop, calibration can be replaced by writing the FSCAL3,
FSCAL2 and FSCAL1 register values corresponding to the next RF
frequency.
0x24: FSCAL2 – Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5
VCO_CORE_H_EN
0
R/W
Choose high (1) / low (0) VCO
4:0
FSCAL2[4:0]
10
(0x0A)
R/W
Frequency synthesizer calibration result register. VCO current
calibration result and override value
Fast frequency hopping without calibration for each hop can be done
by calibrating upfront for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register values. Between each
frequency hop, calibration can be replaced by writing the FSCAL3,
FSCAL2 and FSCAL1 register values corresponding to the next RF
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com