Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 11Page - Texas Instruments CC2500RGPR Datasheet HTML 12Page - Texas Instruments CC2500RGPR Datasheet HTML 13Page - Texas Instruments CC2500RGPR Datasheet HTML 14Page - Texas Instruments CC2500RGPR Datasheet HTML 15Page - Texas Instruments CC2500RGPR Datasheet HTML 16Page - Texas Instruments CC2500RGPR Datasheet HTML 17Page - Texas Instruments CC2500RGPR Datasheet HTML 18Page - Texas Instruments CC2500RGPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
CC2500
SWRS040C
Page 15 of 89
5
Pin Configuration
1
20 19 18 17 16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
GND
Exposed die
attach pad
SCLK
SO (GDO1)
GDO2
DVDD
DCOUPL
AVDD
RF_P
RF_N
AVDD
AVDD
Figure 1: Pinout Top View
Note: The exposed die attach pad must be connected to a solid ground plane as this is the main
ground connection for the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com