Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 50Page - STMicroelectronics ST802RT1AFR Datasheet HTML 51Page - STMicroelectronics ST802RT1AFR Datasheet HTML 52Page - STMicroelectronics ST802RT1AFR Datasheet HTML 53Page - STMicroelectronics ST802RT1AFR Datasheet HTML 54Page - STMicroelectronics ST802RT1AFR Datasheet HTML 55Page - STMicroelectronics ST802RT1AFR Datasheet HTML 56Page - STMicroelectronics ST802RT1AFR Datasheet HTML 57Page - STMicroelectronics ST802RT1AFR Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
Package mechanical data
ST802RT1A, ST802RT1B
54/58
Doc ID 17049 Rev 1
Table 36.
LQFP48 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.60
A1
0.05
0.15
A2
1.35
1.4
1.45
b
0.170.220.27
c
0.09
0.20
D
8.80
9
9.20
D1
6.80
7
7.20
D3
5.50
E
8.80
9
9.20
E1
6.80
7
7.20
E3
5.50
e0.50
L
0.450.600.75
L1
1
K
0°3.5°7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com