Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 40Page - STMicroelectronics ST802RT1AFR Datasheet HTML 41Page - STMicroelectronics ST802RT1AFR Datasheet HTML 42Page - STMicroelectronics ST802RT1AFR Datasheet HTML 43Page - STMicroelectronics ST802RT1AFR Datasheet HTML 44Page - STMicroelectronics ST802RT1AFR Datasheet HTML 45Page - STMicroelectronics ST802RT1AFR Datasheet HTML 46Page - STMicroelectronics ST802RT1AFR Datasheet HTML 47Page - STMicroelectronics ST802RT1AFR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Device operation
ST802RT1A, ST802RT1B
44/58
Doc ID 17049 Rev 1
7.15
Transmit isolation
Transmit isolation isolates the PHY from the MII and Tx +/- interface and is activated by
setting bit 5 of the 100Base-TX control register (RN13[5]). As with isolate mode, all MII
inputs are ignored and all MII outputs are tri-stated. Additionally, all link pulses are
suppressed.
7.16
Automatic MDI / MDIX feature
The automatic MDI / MDIX feature compensates for using an external crossover cable. With
auto-MDIX, the ST802RT1x automatically detects what the other device is and switches the
TX & RX pins accordingly. The state machine basically controls the switching of the tdp/tdn
and the rdp/rdn signals prior to the auto-negotiation communication. The swapping occurs
to allow FLP/NLP to be transmitted and received in the event that the external cable
connections have been swapped.
7.17
RMII interface
The reduced media independent interface (RMII) provides a low-cost alternative to the IEEE
802.3u MII interface. It can support 10 and 100 Mbit data rates with a single clock, using
independent 2-bit wide transmit and receive paths. A single synchronous reference clock
(SCLK pin 32) of 50 MHz is used as a timing reference for all transmitters and receivers. By
doubling the clock frequency relative to the MII, four pins are saved in the data path, which
uses two transmit data inputs and two receive data outputs instead of four lines for each
direction in the MII interface. Since start-of-packet and end-of-packet timing information is
preserved across the interface, the MAC is able to derive the COL signal from the receive
and transmit data delimiters, saving another pin.
Figure 7.
Transmit isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com