Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 38Page - STMicroelectronics ST802RT1AFR Datasheet HTML 39Page - STMicroelectronics ST802RT1AFR Datasheet HTML 40Page - STMicroelectronics ST802RT1AFR Datasheet HTML 41Page - STMicroelectronics ST802RT1AFR Datasheet HTML 42Page - STMicroelectronics ST802RT1AFR Datasheet HTML 43Page - STMicroelectronics ST802RT1AFR Datasheet HTML 44Page - STMicroelectronics ST802RT1AFR Datasheet HTML 45Page - STMicroelectronics ST802RT1AFR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Device operation
ST802RT1A, ST802RT1B
42/58
Doc ID 17049 Rev 1
Write 0180h to RN12 to set INT_EN and INT_OE_N;
Write 0010h to RN12 to set LK_DWN_EN;
Monitor PWRDWN/MDINT.
When the PWRDWN/MDINT pin asserts low, the user should read the RN11 register to see
if the LK_DWN is set, i.e. which source caused the interrupt.
7.11
LED display operation
The ST802RT1x provides 3 LED pins. Table 31 contains a detailed description of the
operating modes, also described in Table 4: Pin functions of the ST802RT1x.
Link LED: On when 100 M or 10 M link is active. It also blinks at 10 Hz for transmit and
receive.
Speed LED: 100 Mbps(on) or 10 Mbps(off)
Activity LED: Blinks at 20 Hz when there is a half-duplex activity on the media. It is
driven on continuously if full-duplex configuration is detected, or blinks when a collision
is detected.
Table 31.
LED configuration
Mode
RN1B[9]
LED link
LED speed
LED act/col
11
ON for link-up
OFF for no link
BLINK for link-up + activity
ON for 100Mb
OFF for 10Mb
ON for full-duplex
BLINK for collision
20
ON for link-up
OFF for no link
ON for 100Mb
OFF for 10Mb
BLINK for activity
Figure 6.
LED connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com