Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 4 Page - STMicroelectronics

  ST802RT1AFR Datasheet HTML 1Page - STMicroelectronics ST802RT1AFR Datasheet HTML 2Page - STMicroelectronics ST802RT1AFR Datasheet HTML 3Page - STMicroelectronics ST802RT1AFR Datasheet HTML 4Page - STMicroelectronics ST802RT1AFR Datasheet HTML 5Page - STMicroelectronics ST802RT1AFR Datasheet HTML 6Page - STMicroelectronics ST802RT1AFR Datasheet HTML 7Page - STMicroelectronics ST802RT1AFR Datasheet HTML 8Page - STMicroelectronics ST802RT1AFR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
List of tables
ST802RT1A, ST802RT1B
4/58
Doc ID 17049 Rev 1
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin description of the ST802RT1x . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 3.
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 4.
Pin functions of the ST802RT1x . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 5.
Signal detect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 6.
MII_CFG0, MII_CFG1 configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 7.
Auto-negotiation advertisement register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 8.
List of registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 9.
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 10.
RN00 [0d00, 0x00]: Control register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 11.
RN01 [0d01, 0x01]: Status register. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 12.
RN02 [0d02, 0x02]: PHY identifier register Hi . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 13.
RN03 [0d03, 0x03]: PHY identifier register Lo . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 14.
RN04 [0d04, 0x04]: Auto-negotiation advertisement register . . . . . . . . . . . . . . . . . . . . . . . 23
Table 15.
RN05 [0d05, 0x05]: Auto-negotiation link partner ability register . . . . . . . . . . . . . . . . . . . . 24
Table 16.
RN06 [0d06, 0x06]: Auto-negotiation expansion register . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 17.
RN07 [0d07, 0x07]: Auto-negotiation next page transmit register . . . . . . . . . . . . . . . . . . . 26
Table 18.
RN08 [0d08, 0x08]: Auto-negotiation link partner received next page register. . . . . . . . . . 26
Table 19.
RN10 [0d16, 0x10]: RMII-TEST control register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 20.
RN11 [0d17, 0x11]: Receiver configuration information and interrupt status register. . . . . 28
Table 21.
RN12 [0d18, 0x12]: Receiver event interrupts register . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 22.
RN13 [0d19, 0x13]: 100Base-TX control register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 23.
RN14 [0d20, 0x14]: Receiver mode control register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 24.
RN18 [0d24, 0x18]: Auxiliary control register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 25.
RN19 [0d25, 0x19]: Auxiliary status register. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 26.
RN1B [0d27, 0x1B]: Auxiliary mode 2 register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 27.
RN1C [0d28, 0x1C]: 10Base-T error and general status register . . . . . . . . . . . . . . . . . . . . 34
Table 28.
RN1E [0d30, 0x1E]: Auxiliary PHY register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Table 29.
RN1F [0d31, 0x1F]: Shadow registers enable register . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 30.
RS1B [0d27, 0x1B]: Misc status/error/test shadow register . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 31.
LED configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 32.
Configuration of signal detect voltage levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 33.
Management frame format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 34.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 35.
General DC specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 36.
LQFP48 mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 37.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com