Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 39Page - STMicroelectronics ST802RT1AFR Datasheet HTML 40Page - STMicroelectronics ST802RT1AFR Datasheet HTML 41Page - STMicroelectronics ST802RT1AFR Datasheet HTML 42Page - STMicroelectronics ST802RT1AFR Datasheet HTML 43Page - STMicroelectronics ST802RT1AFR Datasheet HTML 44Page - STMicroelectronics ST802RT1AFR Datasheet HTML 45Page - STMicroelectronics ST802RT1AFR Datasheet HTML 46Page - STMicroelectronics ST802RT1AFR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
ST802RT1A, ST802RT1B
Device operation
Doc ID 17049 Rev 1
43/58
7.12
Reset operation
There are two ways to reset the ST802RT1x.
Hardware reset: the ST802RT1x can be reset via the RESET pin (pin 29). The active low
reset input signal is required for at least 1 ms, and at least one transition is required on the
MDC (pin 31) to ensure proper reset operation.
Software reset: when bit 15 of register RN00 is set to 1, the ST802RT1x resets all the
circuits and registers to their default values, then clears bit 15 of RN00 to 0.
Both hardware and software reset operations initialize all registers to their default values.
This process includes re-evaluation of all hardware-configurable registers. Logic levels on
several I/O pins are detected during the hardware reset period to determine the initial
functionality of the ST802RT1x. Some of these pins are used as outputs after the reset
operation. Care must be taken to ensure that the configuration setup does not interfere with
normal operation. Strap pins multiplexed with LED outputs should be weakly pulled up or
weakly pulled down through resistors, as shown in Figure 6.
7.13
Preamble suppression
Preamble suppression mode in the ST802RT1x is indicated by a 1 in bit six of the RN01
register and controlled by bit 1 in the RN14 register. If it is determined that all PHY devices
in the system support preamble suppression, then a preamble is not necessary for each
management transaction. The first transaction following power-up/hardware reset requires
32 bits of preamble. The full 32-bit preamble is not required for each additional transaction.
The ST802RT1x responds to management accesses without preamble, but a minimum of
one idle bit between management transactions is required as specified in IEEE 802.3u.
7.14
Remote fault
The remote fault function indicates to a link partner that a fault condition has occurred by
using the remote fault bit, which is encoded in bit 13 of the link code word. A local device
indicates to its link partner that it has found a fault by setting the remote fault bit in the auto-
negotiation register to logic one and renegotiating with the link partner. The remote fault bit
remains at logic one until successful negotiation with the link code word occurs. The bit then
returns to 0. When the message is sent that the remote fault bit is set to logic one, the
device sets the remote fault bit in the MII to logic one if the management function is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com