Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 9Page - STMicroelectronics ST802RT1AFR Datasheet HTML 10Page - STMicroelectronics ST802RT1AFR Datasheet HTML 11Page - STMicroelectronics ST802RT1AFR Datasheet HTML 12Page - STMicroelectronics ST802RT1AFR Datasheet HTML 13Page - STMicroelectronics ST802RT1AFR Datasheet HTML 14Page - STMicroelectronics ST802RT1AFR Datasheet HTML 15Page - STMicroelectronics ST802RT1AFR Datasheet HTML 16Page - STMicroelectronics ST802RT1AFR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
ST802RT1A, ST802RT1B
Pin description
Doc ID 17049 Rev 1
13/58
Table 4.
Pin functions of the ST802RT1x
Pin n°
Name
Type
Function
Data interface
5
6
7
8
TXD0
TXD1
TXD2
TXD3
I
Transmit data. The media access controller (MAC) drives data to the
ST802RT1x using these inputs.
txd0 = MII/RMII tx data
txd1 = MII/RMII tx data
txd2/txd3 = MII tx data
7SCLK
I
RMII clock (50 Mhz)
2
TX_EN
I, PD
MII transmit enable. The MAC asserts this signal when it drives valid data on
the txd inputs.
1
TX_CLK
O, PD
MII transmit clock. Normally the ST802RT1x drives tx_clk.
25 MHz for 100 Mbps operation
2.5 MHz for 10 Mbps operation
40
RXER
O
Receive error. The ST802RT1x asserts this output when it receives invalid
symbols from the network.
42
43
44
45
RXD3
RXD2
RXD1
RXD0
O, PD
Receive data. The ST802RT1x drives received data on these outputs.
rxd0 = MII/RMII rx data
rxd1 = MII/RMII rx data
rxd2/rxd3 = MII rx data
38
RXDV /
CRSDV
O, PD
Receive data valid. (MII = RXDV, RMII = CRSDV). The ST802RT1x asserts
this signal when it drives valid data on rxd.
37
RX_CLK
O
MII receive clock. This continuous clock provides reference for rxd, rx_dv, and
rx_er signals.
25 MHz for 100 Mbps operation.
2.5 MHz for 10 Mbps operation.
46
COL
O
MII collision detection. The ST802RT1x asserts this output when detecting a
collision. This output remains high for the duration of the collision. This signal is
asynchronous and inactive during full-duplex operation.
39
CRS
O
MII carrier sense. During half-duplex operation (RN00[8]=0), the ST802RT1x
asserts this output when either transmit or receive medium is non idle. During
full-duplex operation (RN00[8]=1), crs is asserted only when the receive
medium is non-idle.
MII control interface
31
MDC
I
Management data clock. Clock for the MDIO serial data channel. One MDC
transition is also required to complete a device reset.
Maximum frequency is 2.5 MHz.
30
MDIO
I/O, PU
Management data input/output. Bi-directional serial data channel for PHY
communication.
9
MDINT
OD
Management data interrupt.
Physical (twisted pair) interface
35
X1
I
Xtal in (25 Mhz). 25 MHz reference clock input. When an external 25 MHz
crystal is used, this pin must be connected to one of its terminals. If an external
25 MHz oscillator clock source is used, then this pin will be its input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com