Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 8Page - STMicroelectronics ST802RT1AFR Datasheet HTML 9Page - STMicroelectronics ST802RT1AFR Datasheet HTML 10Page - STMicroelectronics ST802RT1AFR Datasheet HTML 11Page - STMicroelectronics ST802RT1AFR Datasheet HTML 12Page - STMicroelectronics ST802RT1AFR Datasheet HTML 13Page - STMicroelectronics ST802RT1AFR Datasheet HTML 14Page - STMicroelectronics ST802RT1AFR Datasheet HTML 15Page - STMicroelectronics ST802RT1AFR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Pin description
ST802RT1A, ST802RT1B
12/58
Doc ID 17049 Rev 1
Pin n°
ST802RT1x
Name
Type
Description
32
OVDD
Supply
IO ring power supply (3.3 V)
33
GND
Ground
Analog ground
34
X2
O
Xtal out
35
X1
I
Xtal in (25 MHz)
36
DVDD
Supply
Digital power (3.3 V)
37
RX_CLK
O
MII receive clock
38
RXDV/MII_CFG0
O, S, PD
Receive data valid (MII: RXDV, RMII: CRSDV) / multi-function
pin
39
CRS_TXD4
O
MII carrier sense / transmit data 4
40
RXER_RXD4
O
Receive error / receive data 4
41
DVDD
Supply
Digital power (3.3 V)
42
RXD3/PHYADDR4
O, S, PD
Receive data (MII)/Phy4
43
RXD2/PHYADDR3
O, S, PD
Receive data (MII)/Phy3
44
RXD1/PHYADDR2
O, S, PD
Receive data (MII/RMII)/Phy2
45
RXD0/PHYADDR1
O, S, PD
Receive data (MII/RMII)/Phy1
46
COL/PHYADDR0
O, S, PU
MII collision detection/Phy0
47
GND
Ground
Ground
48
RESERVED
-
Not used in the ST802RT1A
SDN
I
Negative signal detect (100Base-FX only)
Table 2.
Pin description of the ST802RT1x (continued)
Table 3.
Abbreviations
Legend
Description
I
Input
O
Output
I/O
Input/output
S
Strap option
OD
Open drain
PD
Pull-down
PU
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com