Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 31Page - STMicroelectronics ST802RT1AFR Datasheet HTML 32Page - STMicroelectronics ST802RT1AFR Datasheet HTML 33Page - STMicroelectronics ST802RT1AFR Datasheet HTML 34Page - STMicroelectronics ST802RT1AFR Datasheet HTML 35Page - STMicroelectronics ST802RT1AFR Datasheet HTML 36Page - STMicroelectronics ST802RT1AFR Datasheet HTML 37Page - STMicroelectronics ST802RT1AFR Datasheet HTML 38Page - STMicroelectronics ST802RT1AFR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
35/58
Table 28.
RN1E [0d30, 0x1E]: Auxiliary PHY register
Bit
Bit name
Description
Default
RW
Type
Type
15
HCD 100base-Tx FDX
1 -> AN 100Base-TX full-duplex selected
0 -> AN 100Base-TX full-duplex not selected
0RO
-
14
HCD 100BASE-T4
1 -> AN 100Base-T4 selected (not supported)
0 -> AN 100Base-T4 not selected
Internally fixed to '0'
0RO
-
13
HCD 100base-TX
HDX
1 -> AN 100Base-TX half-duplex selected
0 -> AN 100Base-TX half-duplex not selected
0RO
-
12
HCD 10BASE-T FDX
1 -> AN 10Base-T full-duplex selected
0 -> AN 10Base-T full-duplex not selected
0RO
-
11
HCD 10BASE-T HDX
1 -> AN 10Base-T half-duplex selected
0 -> AN 10Base-T half-duplex not selected
0RO
-
10:9
RESERVED
---
00b
RO
P
8
Auto-Negotiation
restart
1 -> Restarts auto-negotiation process (ignored if auto-
negotiation is disabled)
0 -> Normal operation
Self-cleared after 21MHz-clock periods (auto-negotiation
is started). Same as RN00_CNTRL[9]
0RW
SC
7
Auto-Negotiation
complete
1 -> Auto-negotiation process completed
0 -> Auto-negotiation process not completed
Active only if auto-negotiation is enabled, else 0
Same as RN19_AUXSS[15] and RN01_STATS[5]
0RO
-
6
Auto-Negotiation
Acknowledge
Complete
1 -> AN ack completed
0 -> AN ack not yet completed
Held high until tx is disabled or auto-negotiation is
restarted
0RO
-
5
Auto-Negotiation
Acknowledge
1 -> AN first ack received
0 -> AN first ack not yet received
Held high until tx is disabled or auto-negotiation is
restarted
0RO
-
4
Auto-Negotiation
Ability
1 -> Auto-negotiation in ability detect state
0 -> Auto-negotiation not in ability detect state
Same as RN19_AUXSS[12]
0RO
-
3
Super Isolate
SUPER ISOLATE:
1 -> MII and RX isolated
0 -> Normal operation
All MII inputs are ignored, all MII outputs are tri-stated, no
link pulses generated.
Same effect setting to 1 both RN00[10] and RN13[5].
0RW
-
2
RESERVED
---
0
RO
P
1:0
RESERVED
---
00b
RW
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com