Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 15Page - STMicroelectronics ST802RT1AFR Datasheet HTML 16Page - STMicroelectronics ST802RT1AFR Datasheet HTML 17Page - STMicroelectronics ST802RT1AFR Datasheet HTML 18Page - STMicroelectronics ST802RT1AFR Datasheet HTML 19Page - STMicroelectronics ST802RT1AFR Datasheet HTML 20Page - STMicroelectronics ST802RT1AFR Datasheet HTML 21Page - STMicroelectronics ST802RT1AFR Datasheet HTML 22Page - STMicroelectronics ST802RT1AFR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
19/58
Soft reset: In order to reset the ST802RT1x by software control, a “1” must be written to bit
15 of the control register using a serial management interface write operation. The bit clears
itself after the reset process is complete, and does not need to be cleared using a second
MII write. Writes to other control register bits have no effect until the reset process is
completed, which requires approximately 1 millisecond. Writing a “0” to this bit has no effect.
Since this bit is self-clearing, after a few cycles from a write operation, it returns a “0” when
read.
Local loop-back: The ST802RT1x may be placed into loop-back mode by writing a “1” to
bit 14 of the control register. The loop-back mode may be cleared by writing a “0” to bit 14 of
the control register, or by resetting the chip. When this bit is read, it returns a “1” when the
chip is in software-controlled loop-back mode; otherwise it returns a “0”.
Speed selection: If auto-negotiation is enabled, this bit has no effect on the speed
selection. However, if auto-negotiation is disabled by software control, the operating speed
of the ST802RT1x can be forced by writing the appropriate value to bit 13 of the control
register. Writing a “1” to this bit forces 100BASETX operation, while writing a “0” forces
10BASE-T operation. When this bit is read, it returns the value of the software-controlled
forced speed selection only.
Auto-negotiation enable: Auto-negotiation can be disabled by one of two methods:
hardware or software control. If the AN_EN input pin is driven to “0”, auto-negotiation is
disabled by hardware control. If bit 12 of the control register is written with a value of “0”,
auto-negotiation is disabled by software control. When auto-negotiation is disabled in this
manner, writing a “1” to the same bit of the control register re-enables auto-negotiation. If
auto-negotiation is disabled in this manner and the chip is reset the auto-negotiation follows
the strap configuration. Writing to this bit has no effect when auto-negotiation has been
disabled by hardware control. When read, this bit returns the value most recently written to
this location, or “1” if it has not been written since the last chip reset.
Power-down: If set to '1', the channel is powered down. If this bit is set for all channels, then
the IO pad directions are forced and the device is in power-down state. Refer to Section 7.9
for a more detailed explanation of the power-down operation.
Isolate: The PHY may be isolated from its media independent interface (MII) by writing a
“1” to bit 10 of the control register. All MII outputs are tri-stated, except tx_clk, and all MII
inputs are ignored. Since the MII management interface is still active, the isolate mode may
Bit
Bit name
Description
Default
RW
type
Type
7
Collision test
1 -> Collision test enabled
0 -> Normal operation
Active only in loop-back mode (RN00[14]=1)
0RW
-
6
RESERVED
Not used
0
RO
P
5
RESERVED
Not used
0
RO
P
4
RESERVED
Not used
0
RO
P
3
RESERVED
Not used
0
RO
P
2
RESERVED
Not used
0
RO
P
1
RESERVED
Not used
0
RO
P
0
RESERVED
Not used
0
RO
P
Table 10.
RN00 [0d00, 0x00]: Control register (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com