Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 33Page - STMicroelectronics ST802RT1AFR Datasheet HTML 34Page - STMicroelectronics ST802RT1AFR Datasheet HTML 35Page - STMicroelectronics ST802RT1AFR Datasheet HTML 36Page - STMicroelectronics ST802RT1AFR Datasheet HTML 37Page - STMicroelectronics ST802RT1AFR Datasheet HTML 38Page - STMicroelectronics ST802RT1AFR Datasheet HTML 39Page - STMicroelectronics ST802RT1AFR Datasheet HTML 40Page - STMicroelectronics ST802RT1AFR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
37/58
Table 30.
RS1B [0d27, 0x1B]: Misc status/error/test shadow register
Bit
Bit name
Description
Default
RW
Type
Type
15
MLT3 Detect
1 -> MLT3 enabled with no errors (TX100 only)
0 -> MLT3 disabled or MLT3 error
0RO
-
14:12
TX Cable
Length
TX100 CABLE LENGTH (m):
000 <= 20
001 = 20-40
010 = 40-60
011 = 60-80
100 =80-100
101 =100-120
110 = 120-140
111 =>140
000b
RO
11
RESERVED
NOT USED
0
RW
-
10
LED Test
control
1 -> LED frequencies up by 8192 times
0 -> Normal operation
0RW
-
9
Descrambler
Locked
1 -> Descrambler locked on RX stream
0 -> Descrambler not locked
0RO
-
8
False Carrier
Detect
1 -> False carrier detected
0 -> No false carrier detected
0RO
LH
7
Bad ESD
Detect
1 -> End-of-stream delimiter missing detected
0 -> No end-of-stream delimiter detected
0RO
LH
6
RX Error
Detect
1 -> RX error detected (100BASE-X)
0 -> No RX errors detected
0RO
LH
5
RESERVED
Not used
0
RO
LH
4
Lock Error
Detect
1 -> Lock error detected
0 -> No lock errors detected
0RO
LH
3
MLT3 Error
Detect
1 -> MLT3 error detected
0 -> No MLT3 errors detected
0RO
LH
2:0
RESERVED
Not used
0
RW
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com