Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1AFR Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST802RT1AFR
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1AFR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST802RT1AFR Datasheet HTML 24Page - STMicroelectronics ST802RT1AFR Datasheet HTML 25Page - STMicroelectronics ST802RT1AFR Datasheet HTML 26Page - STMicroelectronics ST802RT1AFR Datasheet HTML 27Page - STMicroelectronics ST802RT1AFR Datasheet HTML 28Page - STMicroelectronics ST802RT1AFR Datasheet HTML 29Page - STMicroelectronics ST802RT1AFR Datasheet HTML 30Page - STMicroelectronics ST802RT1AFR Datasheet HTML 31Page - STMicroelectronics ST802RT1AFR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
28/58
Doc ID 17049 Rev 1
Table 20.
RN11 [0d17, 0x11]: Receiver configuration information and interrupt status register
Bit
Bit name
Description
Default
RW
type
Type
15:11
RESERVED
---
00000b
RO
P
10
FX_MODE
1 -> FX mode set
0 -> FX mode not set
If set to '1', auto-negotiation and scrambling is disabled. This
bit can be set through an opportune hardware topology in
ST802RT1B
0RO
-
9
Speed
1 -> 100 Mb/s mode
0 -> 10 Mb/s mode
This bit holds a valid value only if a link is already established
0RO
-
8
Duplex
1 -> Full-duplex mode enabled
0 -> Half-duplex mode enabled
This bit holds a valid value only if a link is already established
0RO
-
7Pause
1 -> Pause is enabled
0 -> Pause is disabled
Pause is active only after auto-negotiation completion, if both
devices; support symmetric pause (RN04[10], RN05[10])
0RO
-
6
Auto neg interrupt
1 -> “Auto-negotiation completed” interrupt is pending
0 -> Auto-negotiation not yet completed
Interrupt enabled by RN12[6]
0RO
LH
5
Remote fault
interrupt
1 -> “Remote fault condition” interrupt is pending
0 -> No remote fault condition detected
Interrupt enabled by RN12[5]
0RO
LH
4
Link down
interrupt
1 -> “link status changed to fail” interrupt is pending
0 -> no link status changes
Interrupt enabled by RN12[4]
0RO
LH
3
Auto-Negotiation
Link Code Word
Received
1 -> “acknowledge match” interrupt is pending
0 -> no link code word received
Interrupt enabled by RN12[3]
0RO
LH
2
Link down
interrupt
1 -> “Parallel Detection fault” interrupt is pending
0 -> No Parallel Detection faults
Interrupt enabled by RN12[2]
0RO
LH
1
Auto neg page
received
1 -> “Auto-negotiation page received” interrupt is pending
0 -> no auto-negotiation page received
Interrupt enabled by RN12[1]
0RO
LH
0RX_FULL
1 -> “receive error buffer full” interrupt is pending (64k packet
errors)
0 -> less than 64k error packets received
Interrupt enabled by RN12[0]. Related counter is cleared
after read
0RO
LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com