Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 35 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 35 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 31Page - Samsung semiconductor RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor RC2012 Datasheet HTML 35Page - Samsung semiconductor RC2012 Datasheet HTML 36Page - Samsung semiconductor RC2012 Datasheet HTML 37Page - Samsung semiconductor RC2012 Datasheet HTML 38Page - Samsung semiconductor RC2012 Datasheet HTML 39Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
34
35
Temperature
Cycle
Less than ±(1%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
Load Life
Low Temp.
Exposure
High Temp.
Exposure
Moisture
Resistance
ΔR
ΔR
ΔR
ΔR
ΔR
Visual
Visual
Visual
Visual
Visual
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
JIS C 5201-1 4.19
Perform 100 cycles as follows.
Test Condition: -55
℃/ 30min ↔ 125℃/ 30min
sweep time: 5 min
Test board: <FIG. 1>
JIS C 5201-1 4.25
Test Voltage: rated voltage
Test temp.: 70±2
℃
Time: 1,000+48 hours(90 min; ON, 30 min; OFF)
Test board: <FIG. 1>
JIS C 5201-1 4.23
Dwell in -55
℃ chamber without loading for 1,000+48 hours.
Stabilize for 60 minutes at room temperature.
Measure value.
Test board: <FIG. 1>
JIS C 5201-1 4.23
Dwell in 125
℃±2℃ or 155℃±2℃chamber without
loading for 1,000+48 hours. Stabilize for 60 minutes at room
temperature.
Measure value.
Test board: <FIG. 1>
JIS C 5201-1 4.14
Test Voltage: rated voltage
Test temp.: 40±2
℃
Time: 1,000+48 hours(90 min; ON, 30 min; OFF)
Humidity: 90~95% RH
Stabilize for 1 hrs & Measure.
Test board: <FIG. 1>
Item
Requirements Specification
Test Methods
Resistor
Resistor
Jumper
Jumper
※These characteristics apply to 1
Ω~10MΩ. In case of other resistance range, please contact us.
※The next is specification in our company for flow soldering and test boards.
Time: 5~10 sec.
Time: 10 sec max.
Temp.: 260
±5℃.
Flux
Solder
Item
Specification
Dipping
ROSIN 25%, IPA 75%
Sn-3.0Ag-0.5Cu
Environmental Characteristic
Flow soldering Conditions
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com