Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 21Page - Samsung semiconductor RC2012 Datasheet HTML 22Page - Samsung semiconductor RC2012 Datasheet HTML 23Page - Samsung semiconductor RC2012 Datasheet HTML 24Page - Samsung semiconductor RC2012 Datasheet HTML 25Page - Samsung semiconductor RC2012 Datasheet HTML 26Page - Samsung semiconductor RC2012 Datasheet HTML 27Page - Samsung semiconductor RC2012 Datasheet HTML 28Page - Samsung semiconductor RC2012 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
24
25
70
℃
-55
℃~+125℃
102P
104P
164P
Type
Resistance
50m
ΩMax.
1.0(A)
Current Rating
Rated Ambient
Temperature
Rated Working
Temperature
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
(The load current shall be derated according to Derating curve in case of the 'Jumper')
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
70
125
•3 digits indication(E-24 series)
- Left 2 digits represent significant figures.
- Last 1 digit represents exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103 =10000Ω=10kΩ
•RP102P, RN102P, RN104P type : No marking.
※
Jumper chip is printed
as “000”.
1
10
03
3
Power Derating Curve
Jumper Resistors
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Land Pattern
Type
A
B
C
D
E
P1
P2
10AT
102P
104P
164P
0.4
0.4
0.7
0.7
0.4
0.4
0.3
0.5
0.25
0.25
0.2
0.3
0.5
0.5
0.5
0.9
0.5
0.5
0.5
0.8
0.65
0.65
0.55
0.9
-
0.5
0.8
A
BC
E
P1
P2
: Land Pattern
: Chip Resistor
D
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com