Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 32 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 28Page - Samsung semiconductor RC2012 Datasheet HTML 29Page - Samsung semiconductor RC2012 Datasheet HTML 30Page - Samsung semiconductor RC2012 Datasheet HTML 31Page - Samsung semiconductor RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor RC2012 Datasheet HTML 35Page - Samsung semiconductor RC2012 Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
RP10AT
Type
0.04W /
package
1.00±0.10
1.00±0.10
0.35±0.10
0.33±0.05
0.20±0.10
0.25±0.10
0.65±0.10
1.1
㎎
Power(W)
L
WT
A
B
C
P
Average
Weight
Substrate
Resistor
Electrode
• Structure
•Dimensions
L
P
B
AT
W
C
RP:Convex type
RP
Code Designation
10 :1.0 x1.0(mm)-0404(inch)
AT:Unbalanced
π-type
Attenuator
10AT
Dimensions & Circuit Configuration
L : ± 0.3 dB
H : ± 0.5 dB
L
Attenuation Value Tolerance
A : 50 ohm
A
Characteristic Impedance
3 dB
EX) 0
→0dB
03
Attenuation Value
CS :Tape Packaging 7"
CS
Packing Type
•The part number system shall be in the following format
•The RP10AT is small-size chip Attenuator,
suitable for high density surface mounting
.
•Unbalanced πtype attenuator circuit in one chip(1.0 mm x 1.0 mm)
•Mounting occupation area reduction : about 50 % reduction
•Mounting cost reduction : Mounting times 3 times →1 time
•Attenuation : 0 dB to 10 dB
•Attenuation / level control / impedance matching of high frequency
signals of communication equipment; cellular phones(GSM, CDMA,
etc.), PHS, PDA, for example.
Feature
Application
Structure and Dimensions
Coating
Parts Numbering System
(UNIT: mm)
Attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com