Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 5 Page - Samsung semiconductor

  RC2012 Datasheet HTML 1Page - Samsung semiconductor RC2012 Datasheet HTML 2Page - Samsung semiconductor RC2012 Datasheet HTML 3Page - Samsung semiconductor RC2012 Datasheet HTML 4Page - Samsung semiconductor RC2012 Datasheet HTML 5Page - Samsung semiconductor RC2012 Datasheet HTML 6Page - Samsung semiconductor RC2012 Datasheet HTML 7Page - Samsung semiconductor RC2012 Datasheet HTML 8Page - Samsung semiconductor RC2012 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Example of Land
Pattern Design
4
5
When designing P.C.B, the shape and size of the solder lands must allow for the proper amount of solder under the resistor.
The amount of solder at the end terminations has a direct effect on the probability that the chip will crack.
The greater amount of solder, the amount of stress on the chip, and the more likely that it will break.
Use the following illustrations as guidelines for proper ‘solder lands design’.
Type
A
B
2A+B
C
1005
1608
2012
3216
3225
5025
6432
0.7
0.9
1.0
1.4
1.4
1.5
1.5
0.5
0.8
1.4
1.8
1.8
3.3
4.6
1.9
2.6
3.4
4.6
4.6
6.3
7.6
0.5
0.8
1.3
1.6
2.6
2.5
3.2
(UNIT: mm)
Type
A
B
2A+B
C
0402
0603
1005
1608
2012
3216
3225
5025
6432
0.17
0.37
0.6
0.8
0.9
1.3
1.3
1.4
1.4
0.20
0.28
0.5
0.8
1.4
1.8
1.8
3.3
4.6
0.54
1.02
1.7
2.4
3.2
4.4
4.4
6.1
7.4
0.18
0.29
0.5
0.8
1.2
1.5
2.4
2.4
3.0
(UNIT: mm)
Type
A
B
C
D
E
P1
P2
062P
064P
10AT
102P
104P
164P
0.20
0.20
0.4
0.4
0.7
0.7
0.20
0.20
0.4
0.4
0.3
0.5
0.30
0.20
0.25
0.25
0.2
0.3
0.30
0.30
0.5
0.5
0.5
0.9
0.30
0.30
0.5
0.5
0.5
0.8
0.6
0.5
0.65
0.65
0.55
0.9
-
0.5
-
0.5
0.8
(UNIT: mm)
A
B
A
C
: Land Pattern
: Chip Resistor
: Land Pattern
: Chip Resistor
A
P2
P1
P
B
C
D
E
•Convex type
•Flow soldering
•Reflow soldering
Type
A
B
2A+B
C
1005
1608
2012
3216
5025
6432
0.8
0.8
0.9
1.7
2.15
2.3
0.5
0.5
0.8
1.2
1.8
3.0
2.1
2.1
2.6
4.6
6.1
7.6
0.5
0.8
1.2
1.4
2.6
3.3
(UNIT: mm)
•Reflow soldering(RU,RUW,RUK)
•This is the recommended land pattern for designing PCB.
This pattern does not guarantee any characteristic of other product.
AB
C
D
E
•Concave type
Example of Land Pattern Design
For Chip Type
For Array Type
Type
A
B
C
D
E
P
102P
104P
0.3
0.3
0.3
0.3
0.2
0.2
0.5
0.5
0.4
0.4
0.5
0.5
(UNIT: mm)
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com