Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 33 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 33 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 29Page - Samsung semiconductor RC2012 Datasheet HTML 30Page - Samsung semiconductor RC2012 Datasheet HTML 31Page - Samsung semiconductor RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor RC2012 Datasheet HTML 35Page - Samsung semiconductor RC2012 Datasheet HTML 36Page - Samsung semiconductor RC2012 Datasheet HTML 37Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
32
33
Item
Specifications
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Rated load percent (
%)
70
125
Specification
Power Derating Curve
Equivalent Circuit Configuration
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Attenuation Value
Attenuation Value Tolerance
Characteristic Impendance
Power Rating
Frequency Range
VSWR (Voltage Standing Wave Ratio)
Number of terminals
Category Temperature Range
(Operating Temperature Range)
0 dB, 1 dB, 2 dB, 3 dB, 4 dB, 5 dB,
6 dB, 7 dB, 8 dB, 9 dB, 10dB
0 dB, 1 dB, 2 dB, 3 dB, 4 dB, 5 dB : ± 0.3 dB
6 dB, 7 dB, 8 dB, 9 dB, 10dB
: ± 0.5 dB
50
Ω
0.04W / package
DC to 3 GHz
1.3 max
4 terminals
-55
℃ to +125 ℃
R2
R1
R3
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com