Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 37 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 37 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor RC2012 Datasheet HTML 35Page - Samsung semiconductor RC2012 Datasheet HTML 36Page - Samsung semiconductor RC2012 Datasheet HTML 37Page - Samsung semiconductor RC2012 Datasheet HTML 38Page - Samsung semiconductor RC2012 Datasheet HTML 39Page - Samsung semiconductor RC2012 Datasheet HTML 40Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
36
37
7
”
13
”
13
”
7
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
7
”
13
”
7
”
13
”
7
”
13
”
7
”
13
”
7
”
13
”
7
”
13
”
CS
DP
AS
FP
CS
DS
ES
AS
CS
ES
AS
CS
ES
AS
CS
ES
AS
CS
ES
AS
CS
CS
AS
CS
AS
CS
AS
CS
AS
CS
AS
CS
AS
15,000
126
143
7
”
TYPE
(mm)
TYPE
(inch)
Taping Packaging
Code
Reels
Carrier Tape
Quantity
Weight(g)
154
573
474
92
152
331
539
125
324
561
149
360
658
157
382
695
183
463
674
202
267
1,041
126
573
126
573
100
485
136
610
157
695
Pressed Paper
Pressed Paper
Punched PE
Pressed Paper
Punched PE
Punched paper
Embossed PE
Punched paper
20,000
60,000
50,000
10,000
20,000
30,000
40,000
5,000
10,000
20,000
5,000
10,000
20,000
5,000
10,000
20,000
5,000
10,000
20,000
4,000
4,000
15,000
15,000
60,000
15,000
60,000
10,000
40,000
10,000
40,000
5,000
20,000
Packaging Table
0402
01005
CS
7
”
20,000
•General type, Precision, Low ohms, High ohms.
•Packaging style can be modified when you want.
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
0603
1005
1608
2012
3216
3225
5025
6432
062P
064P
102P
104P
164P
0201
0402
0603
0805
1206
1210
2010
2512
0201×2R
0201×2R
0402×2R
0402×4R
0603×4R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com