Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 22 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 18Page - Samsung semiconductor RC2012 Datasheet HTML 19Page - Samsung semiconductor RC2012 Datasheet HTML 20Page - Samsung semiconductor RC2012 Datasheet HTML 21Page - Samsung semiconductor RC2012 Datasheet HTML 22Page - Samsung semiconductor RC2012 Datasheet HTML 23Page - Samsung semiconductor RC2012 Datasheet HTML 24Page - Samsung semiconductor RC2012 Datasheet HTML 25Page - Samsung semiconductor RC2012 Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
•Ultra Low Ohms Resistor, high precision reliability
•Suitable for reflow and soldering.
•Very stable Temperature coefficient characteristics.
•Reverse Type.
•Ag metal is not used for termination electrode
(Good Sulfide -Resistant)
•100% Lead-free Products (PbO is not used)
•RoHS Compliant.
Feature
Ultra Low Ohms(RUW Series)
0.30±0.20
0.40±0.20
0.45±0.20
RUW1608
RUW2012
RUW3216
Type
Inch
Power(W)
1.60±0.10
2.00±0.20
3.20±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
R010
RUW : Current
Sensing Resistor
High Power
Code Designation
R U K
2012
F
Dimension & Size Code
Tolerance
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
F: ±1%
G: ±2%
J: ±5%
3 or 4 digits
coding system
(IEC conding system)
3digits(E-24 series)
4digits(E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
AS: Tape Packaging 13"
0603
0805
1206
0.80±0.15
1.25±0.15
1.60±0.15
0.45±0.10
0.55±0.10
0.60±0.10
2.2
㎎
4.7
㎎
9.4
㎎
•Current Sensings.
•Safe circuit through protecting over current flow.
•Power supplying part, DC power charger, adapter.
•Mobile Phone, Mobile PC, Note PC, HDD, DSC, LCD
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
W
l1
H
L
I2
<Top View>
<Side View>
R
R0
01
10
0
<Bottom View>
1/3
(0.33)
1/2
(0.5)
1
(1)
R〈0.03
Ω:0.50±0.20
R
≥0.03Ω:0.35±0.20
R〈0.03
Ω:0.65±0.20
R
≥0.03Ω:0.40±0.20
R〈0.03
Ω:0.90±0.20
R
≥0.03Ω:0.60±0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com