Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 8Page - Samsung semiconductor RC2012 Datasheet HTML 9Page - Samsung semiconductor RC2012 Datasheet HTML 10Page - Samsung semiconductor RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Jumper
0.20±0.02
0.30±0.03
0.50±0.05
0.80±0.15
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
1.00±0.10
1.00±0.10
1.60±0.10
0.13±0.02
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.35±0.10
0.35±0.10
0.50±0.10
0.10±0.03
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.20±0.10
0.15±0.10
0.30±0.15
0.10±0.03
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.25±0.10
0.25±0.10
0.30±0.15
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RP102P
RP104P
RP164P
Type
01005
0201
0402
0603
0805
1206
1210
2010
2512
0404
0804
1206
Inch
1/32
1/20
1/16
1/10
1 / 8
1 / 4
1 / 3
2/3
1
1/16
1/16
1/16
Power(W)
0.40±0.02
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.20
3.20±0.20
3.20±0.20
5.00±0.20
6.30±0.20
1.00±0.10
2.00±0.10
3.20±0.10
LW
T
I1
I2
Average
Weight
•Very small, thin, and light weight.
•Both flow and reflow soldering are applicable.
•Owing to the reduced lead inductance, the high frequency
characteristic is excellent.
•Suitable size and packaging for surface mount assembly.
The product of lead-free terminal is RoHS compliant.
PbO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•General purpose
•Home Appliances
(DVD, Digital TV,CAMCODER, VTR, Digital Camera, Audio,Tunner)
•For Computers & Communications
(Notebook, Memory Module, Mobile, Network Equipment, etc)
0.04
㎎
0.15
㎎
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
16
㎎
26
㎎
41
㎎
1.1
㎎
2.2
㎎
8.9
㎎
(UNIT: mm)
Feature
Application
Structure and Dimensions
W
l1
T
L
I2
<Top View>
<Side View>
0
0 0
0 0
0
-
-
-
-
-
-
-
-
-
0.33±0.10
0.40±0.15
0.60±0.15
A1
-
-
-
-
-
-
-
-
-
0.33±0.10
0.30±0.15
0.40±0.15
A2
-
-
-
-
-
-
-
-
-
0.65±0.10
0.50±0.15
0.80±0.15
P
<Top View>
<Side View>
0
0 0
0 0
0
L
A1
A2
P
T
W
I2
<Bottom View>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com