Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 7Page - Samsung semiconductor RC2012 Datasheet HTML 8Page - Samsung semiconductor RC2012 Datasheet HTML 9Page - Samsung semiconductor RC2012 Datasheet HTML 10Page - Samsung semiconductor RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
10
11
- Left 2 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103Ω
= 10000
Ω=10kΩ
•1005 type: No marking.
•1005, 1608 type:
No marking.
•3 digits indication
(E-24 series)
- Left 3 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 1002
Left 3 digits: 100
Last 1 digit: 2
1002 = 100
×102Ω
= 10000
Ω=10kΩ
•4 digits indication
(E-96 series)
1
10
03
3
1
10
00
02
2
100
80
60
40
20
0
Ambient Temperature(
℃)
Operation area
<1005, 1608, 2012, 3216, 3225, 5025, 6432>
-55
-30
0
30
60
90
120
150
70
155
Specification
The rated power is the maximum continuous loading power at 70
℃
ambient temperature.
For ambient temperature above 70
℃, the loading power follows
the below power derating curve.
Power Derating Curve
Marking
1
Ω~10
-55
℃~+155℃
70
℃
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
1/16
1/10
1/8
1/4
1/3
2/3
1
Power
Rating
(W)
50(V)
150(V)
200(V)
Working
Voltage
(MAX)
100(V)
300(V)
400(V)
Overload
Voltage
(MAX)
TCR (ppm/
℃)
Resistance
Range (
Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
•Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
√Rated power(W)×Normal resistance value (R)
100
101
102
104
105
106
107
109
110
111
113
114
115
117
118
120
121
123
124
126
127
129
130
132
133
135
137
138
140
142
143
145
147
149
150
152
154
156
158
160
162
164
165
167
169
172
174
176
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
15
16
10
11
12
13
E192 E96 E24 E192 E96 E24
178
180
182
184
187
189
191
193
196
198
200
203
205
208
210
213
215
218
221
223
226
229
232
234
178
182
187
191
196
200
205
210
215
221
226
232
18
20
22
237
240
243
246
249
252
255
258
261
264
267
271
274
277
280
284
287
291
294
298
301
305
309
312
237
243
249
255
261
267
274
280
287
294
301
309
24
27
30
E192 E96 E24 E192 E96 E24
316
320
324
328
332
336
340
344
348
352
357
361
365
370
374
379
383
388
392
397
402
407
412
417
316
324
332
340
348
357
365
374
383
392
402
412
33
36
39
422
427
432
437
442
448
453
459
464
470
475
481
487
493
499
505
511
517
523
530
536
542
549
556
422
432
442
453
464
475
487
499
511
523
536
549
43
47
51
E192 E96 E24 E192 E96 E24
562
569
576
583
590
597
604
612
619
626
634
642
649
657
665
673
681
690
698
706
715
723
732
741
562
576
590
604
619
634
649
665
681
698
715
732
56
62
68
750
759
768
777
787
796
806
816
825
835
845
856
866
876
887
898
909
920
931
942
953
965
976
988
750
768
787
806
825
845
866
887
909
931
953
976
75
82
91
E192 E96 E24 E192 E96 E24
Significant Figure of Resistance Value
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
1~9.9
Ω:+300
10
Ω~1 :±100
1.1 ~10
:±300
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com