Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor RC2012 Datasheet HTML 17Page - Samsung semiconductor RC2012 Datasheet HTML 18Page - Samsung semiconductor RC2012 Datasheet HTML 19Page - Samsung semiconductor RC2012 Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Low Ohms(RUT Series)
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.60±0.25
RUT1005
RUT1608
RUT2012
RUT3216
RUT6432
Type
Inch
1/10
(0.1)
1/8
(0.125)
1/4
(0.25)
1/3
(0.33)
1
(1.0)
Power(W)
1.00±0.05
1.60±0.10
2.00±0.20
3.20±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
R68
RUT: Current
Sensing Resistor
Top Mounting
(Face-up)
Code Designation
RUT
2012
J
Dimension & Size Code
Tolerance
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F: ±1%
G: ±2%
J: ±5%
3 or 4 digits coding system
(IEC conding system)
3digits(E-24 series)
4digits(E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES : Tape Packaging 10"
AS: Tape Packaging 13"
0402
0603
0805
1206
2512
0.50±0.05
0.80±0.15
1.25±0.15
1.60±0.15
3.20±0.20
0.35±0.05
0.45±0.10
0.55±0.10
0.60±0.10
0.60±0.10
0.25±0.10
0.35±0.20
0.35±0.20
0.40±0.20
0.60±0.25
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
41
㎎
•Under 1 ohms, precision resistance.
•Both flow and reflow soldering are applicable.
•Ag metal is not used for termination electrode.
(Good Sulfide -Resistant)
•The product of lead-free terminal is RoHS compliant.
100% Lead-free Products (PbO is not used)
•Current detect.
•Safe circuit through protecting over-current flow.
•Power supplying part, DC power charger, adapter.
•Mobile Phone, HDD, DSC, LCD.
Feature
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
W
l1
H
L
I2
<Top View>
<Side View>
R
R1
10
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com