Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 30 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 30 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 26Page - Samsung semiconductor RC2012 Datasheet HTML 27Page - Samsung semiconductor RC2012 Datasheet HTML 28Page - Samsung semiconductor RC2012 Datasheet HTML 29Page - Samsung semiconductor RC2012 Datasheet HTML 30Page - Samsung semiconductor RC2012 Datasheet HTML 31Page - Samsung semiconductor RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
RM102P
RM104P
Type
1.00±0.10
2.00±0.10
1.00±0.10
1.00±0.10
0.35±0.10
0.45±0.10
0.30±0.10
0.30±0.10
0.15±0.10
0.15±0.10
0.25±0.15
0.25±0.15
0.50±0.10
0.50±0.10
1.2
㎎
2.8
㎎
L
W
TA
B
G
P
Average
Weight
(UNIT: mm)
RK102P
RK104P
Type
1.00±0.10
2.00±0.10
1.00±0.10
1.00±0.10
0.35±0.10
0.45±0.10
0.30±0.10
0.30±0.10
0.25±0.15
0.25±0.15
0.50±0.10
0.50±0.10
1.2
㎎
2.8
㎎
L
W
TA
G
P
0.17min
0.23min
H
Average
Weight
(UNIT: mm)
<Top View>
(1) REVERSE CONCAVE TYPE
(2) SHORT-FREE REVERSE CONCAVE TYPE
<Side View>
<Bottom View>
<Top View>
<Side View>
<Bottom View>
<Terminal Side View>
A
B
T
W
L
P
L
P
G
G
A
T
W
1
15
50
0
1
15
50
0
•Reducing SMD surface area (40% reduced).
•Reducing SMD costs (75% reduced).
•Applicable both flow and reflow soldering.
•Reverse & Short free Reverse Concave Type.
The product of lead-free terminal is RoHS compliant.
PhO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•For semiconductor devices.
•For computers, digital circuits.
Feature
Application
Structure and Dimensions
Arrays for
Memory Modules
H
T
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com