Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 29Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 30Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 31Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 32Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 33 of 48
Table 9. PMBus Conversion to Real-World Coefficients
Coefficient
Current (A)
Voltage (V)
0 V to 6 V Range
0 V to 20 V Range
m
807 × RSENSE
6720
19,199
b
20,475
0
0
R
−1
−1
−2
Example 1
IOUT_OC_WARN_LIMIT requires a current-limit value
expressed in direct format.
If the required current limit is 10 A, and the sense resistor is
2 mΩ, then the first step is to determine the voltage coefficient.
This is simply m = 807 × 2, giving 1614.
Using Equation 1 and expressing X, in units of Amps
Y = ((1614 × 10) + 20,475) × 10−1
Y = 3661.5 = 3662 (rounded up to integer form)
Writing a value of 3662 with the IOUT_OC_WARN_LIMIT
command sets an overcurrent warning at 10 A.
Example 2
The READ_IOUT command returns a direct format value of
3339 representing the current flowing through a sense resistor
of 1 mΩ.
To convert this value to the current flowing, use Equation 2, with
m = 807 × 1.
X = 1/807 × (3339 × 101 − 20,475)
X = 16.00 A
This means that when READ_IOUT returns a value of 3339,
16.00 A is flowing in the sense resistor.
VOLTAGE AND CURRENT CONVERSION USING
LSB VALUES
The direct format voltage and current values returned by the
READ_VIN, READ_VOUT, READ_IOUT commands, and
the corresponding peak versions, are actually the data output
directly by the ADM1275 ADC. As the voltages and currents
are really a 12-bit ADC output code, they can also be converted
to real-world values with knowledge of the size of the LSB on
the ADC.
The m, b, R coefficients defined for the PMBus conversion are
required to be whole integers by the standard, and have therefore
been rounded-off slightly. Using this alternative method, with
the exact LSB values, can provide slightly more accurate
numerical conversions.
To convert an ADC code to current in amperes, the following
formulas can be used:
VSENSE = LSB25mV × (IADC − 2048)
IOUT = VSENSE/(RSENSE × 0.001)
where:
VSENSE = (VSENSE+) − (VSENSE−).
LSB25mV = 12.4 µV.
IADC is the 12-bit ADC code.
IOUT is the measured current value in amperes.
RSENSE is the value of the sense resistor in milliohms.
To convert an ADC code to a voltage, the following formula can
be used:
VM = LSBxV × (VADC + 0.5)
where:
VM is the measured value in volts.
VADC is the 12-bit ADC code.
LSBxV values are based on the voltage range (see Table 10).
Table 10. Voltage Ranges and LSB Values
Voltage Range, LSBxV
LSB Magnitude
0 V to 6 V
1.488 mV
0 V to 20 V
5.208 mV
To convert a current in amperes to a 12-bit value, the following
formula can be used (round the result to the nearest integer):
VSENSE = IA × RSENSE × 0.001
ICODE = 2048 + (VSENSE/LSB25mV)
where:
VSENSE = (VSENSE+) − (VSENSE−).
IA is the current value in amperes.
RSENSE is the value of the sense resistor in milliohms.
ICODE is the 12-bit ADC code.
LSB25mV = 12.4 µV.
To convert a voltage to a 12-bit value, the following formula can
be used (round the result to the nearest integer):
VCODE = (VA/LSBxV) − 0.5
where:
VCODE is the 12-bit ADC code.
VA is the voltage value in volts.
LSBxV values are based on the voltage range (see Table 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com