Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 13 of 48
Pin No.
QSOP
LFCSP
Mnemonic
Description
16
14
VOUT
This pin is used to read back the output voltage using the internal ADC. A 1 kΩ resistor should be
inserted in series between the source of a FET and the VOUT pin.
17
15
GND
Chip Ground Pin.
18
16
GATE
Gate Output Pin. This pin is the high-side gate drive of an external N-channel FET. This pin is driven
by the FET drive controller, which uses a charge pump to provide a pull-up current to charge the FET
gate pin. The FET drive controller regulates to a maximum load current by regulating the GATE pin.
GATE is held low when the supply is below UVLO.
19
17
SENSE−
Negative Current Sense Input Pin. A sense resistor between the SENSE+ pin and the SENSE− pin sets
the analog current limit. The hot-swap operation of the ADM1275 controls the external FET gate to
maintain the sense voltage (VSENSE+ − VSENSE−). This pin also connects to the FET drain pin.
20
18
SENSE+
Positive Current Sense Input Pin. This pin connects to the main supply input. A sense resistor
between the SENSE+ pin and the SENSE− pin sets the analog current limit. The hot-swap operation
of the ADM1275 controls the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−). This
pin is also used to measure the supply input voltage using the ADC.
N/A
EP
EPAD
Exposed Paddle on Underside of LFCSP. Solder the exposed paddle to the board to improve thermal
dissipation. The exposed paddle can be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com