Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 47Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 47 of 48
COMPLIANT
TO JEDEC STANDARDS MO-220-WHHC.
0.65
BSC
0.70
0.60
0.40
0.35
0.28
0.23
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
5.10
5.00 SQ
4.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 68. 20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-20-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM1275-1ARQZ
−40°C to +85°C
20-Lead QSOP
RQ-20
ADM1275-1ARQZ-R7
−40°C to +85°C
20-Lead QSOP
RQ-20
ADM1275-1ACPZ
−40°C to +85°C
20-Lead LFCSP_WQ
CP-20-9
ADM1275-1ACPZ-R7
−40°C to +85°C
20-Lead LFCSP_WQ
CP-20-9
ADM1275-2ARQZ
−40°C to +85°C
16-Lead QSOP
RQ-16
ADM1275-2ARQZ-R7
−40°C to +85°C
16-Lead QSOP
RQ-16
ADM1275-3ARQZ
−40°C to +85°C
20-Lead QSOP
RQ-20
ADM1275-3ARQZ-R7
−40°C to +85°C
20-Lead QSOP
RQ-20
ADM1275-3ACPZ
−40°C to +85°C
20-Lead LFCSP_WQ
CP-20-9
ADM1275-3ACPZ-R7
−40°C to +85°C
20-Lead LFCSP_WQ
CP-20-9
EVAL-ADM1275EBZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com