Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 37 of 48
OPERATION
Code: 0x01, read/write byte. Value after reset: 0x80.
Table 12. Bit Descriptions for OPERATION Command
Bits
Bit Name
Settings
Description
7
ON
0
Hot-swap output is disabled.
1
Default. Hot-swap output is enabled.
[6:0]
Reserved
0000000
Always reads as 0000000.
CLEAR_FAULTS
Code: 0x03, send byte, no data.
CAPABILITY
Code: 0x19, read byte. Value after reset: 0xB0.
Table 13. Bit Descriptions for CAPABILITY Command
Bits
Bit Name
Settings
Description
7
Packet error checking
1
Always reads as 1. Packet error checking (PEC) is supported.
[6:5]
Maximum bus speed
01
Always reads as 01. Maximum supported bus speed is 400 kHz.
4
SMBALERT#
1
Always reads as 1. Device supports SMBAlert and alert response address (ARA).
[3:0]
Reserved
0000
Always reads as 0000.
VOUT_OV_WARN_LIMIT
Code: 0x42, read/write word. Value after reset: 0x0FFF.
This command is supported on the ADM1275-1 and the ADM1275-3. The ADM1275-2 does not have a VOUT pin.
Table 14. Bit Descriptions for VOUT_OV_WARN_LIMIT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VOUT_OV_WARN_LIMIT
Overvoltage threshold for the VOUT pin measurement, expressed in ADC codes.
VOUT_UV_WARN_LIMIT
Code: 0x43, read/write word. Value after reset: 0x0000.
This command is supported on the ADM1275-1 and the ADM1275-3. The ADM1275-2 does not have a VOUT pin.
Table 15. Bit Descriptions for VOUT_UV_WARN_LIMIT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VOUT_UV_WARN_LIMIT
Undervoltage threshold for the VOUT pin measurement, expressed in ADC codes.
IOUT_OC_WARN_LIMIT
Code: 0x4A, read/write word. Value after reset: 0x0FFF.
Table 16. Bit Descriptions for IOUT_OC_WARN_LIMIT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
IOUT_OC_WARN_LIMIT
Overcurrent threshold for the IOUT measurement through the sense resistor,
expressed in ADC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com