Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM1275-1ARQZ-R7 Datasheet HTML 1Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 2Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 3Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Hot-Swap Controller and Digital Power
Monitor with PMBus Interface
Data Sheet
ADM1275
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Controls supply voltages from 2 V to 20 V
370 ns response time to short circuit
Resistor-programmable 5 mV to 25 mV current limit
±1% accurate, 12-bit ADC for current, VIN/VOUT readback
Charge-pumped gate drive for multiple external N-channel FETs
High gate drive voltage to ensure lowest RDSON
Foldback for tighter FET SOA protection
Automatic retry or latch-off on current fault
Programmable current limit timer for SOA
Programmable, multifunction GPOs
Power-good status output
Analog UV and OV protection
ENABLE pin (ADM1275-3 only)
Peak detect registers for current and voltage
PMBus fast mode compliant interface
16-lead QSOP and 20-lead QSOP and LFCSP
APPLICATIONS
Power monitoring and control/power budgeting
Central office equipment
Telecommunication and data communication equipment
PCs/servers
APPLICATIONS DIAGRAM
Q1
GATE
SENSE+
TIMER
TIMER
ADM1275-1
GND
RSENSE
SENSE–
VCC
VCP
2V TO 20V
2.95V
TO
20V
VCAP
IOUT
UV
OV
1.0V
1.0V
VOUT
VOUT
12-BIT
ADC
SCL
SDA
ADR
SENSE+
IOUT
LDO
CHARGE
PUMP
TIMEOUT
GPO2/ALERT2
PWRGD
GPO1/ALERT1/CONV
LATCH
TIMER
ON
TIMER
ON
VCBOS
SS
CURRENT
LIMIT
FLB
ISET
TIMEOUT
CURRENT
LIMIT
CONTROL
REF
SELECT
1.0V
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
×50
+
+
–
–
+
–
+
–
Figure 1.
GENERAL DESCRIPTION
The ADM1275 is a hot-swap controller that allows a circuit board
to be removed from or inserted into a live backplane. It also features
current and voltage readback via an integrated 12-bit analog-to-
digital converter (ADC), accessed using a PMBus™ interface.
The load current is measured using an internal current sense
amplifier that measures the voltage across a sense resistor in
the power path via the SENSE+ and SENSE− pins. A default
limit of 20 mV is set, but this limit can be adjusted, if required,
using a resistor divider network from the internal reference
voltage to the ISET pin.
The ADM1275 limits the current through the sense resistor by
controlling the gate voltage of an external N-channel FET in the
power path, via the GATE pin. The sense voltage—and, therefore,
the load current—is maintained below the preset maximum. The
ADM1275 protects the external FET by limiting the time that the
FET remains on while the current is at its maximum value. This
current limit time is set by the choice of capacitor connected to
the TIMER pin. In addition, a foldback resistor network can be
used to actively lower the current limit as the voltage across the
FET is increased. This helps to maintain constant power in the
FET and allows the safe operating area (SOA) to be adhered to
in an effective manner.
In case of a short-circuit event, a fast internal overcurrent detec-
tor responds within 370 ns and signals the gate to shut down. A
1500 mA pull-down device ensures a fast FET response. The
ADM1275 features overvoltage and undervoltage protection,
programmed using external resistor dividers on the UV and OV
pins. A PWRGD signal can be used to detect when the output
supply is valid, using the FLB pin to monitor the output. GPO
pins can be configured as various output signals that can be
asserted when a programmed current or voltage level is reached.
The 12-bit ADC can measure the current in the sense resistor,
as well as the supply voltage on the SENSE+ pin or the output
voltage. A PMBus interface allows a controller to read current
and voltage data from the ADC. Measurements can be initiated
by a PMBus command. Alternatively, the ADC can run continu-
ously, and the user can read the latest conversion data whenever
required. Up to four unique PMBus addresses can be selected,
depending on the way that the ADR pin is connected.
The ADM1275-1 and ADM1275-3 are available in a 20-lead QSOP
and 20-lead LFCSP and have a LATCH pin that can be configured
for automatic retry or latch-off when an overcurrent fault occurs.
The ADM1275-2 is available in a 16-lead QSOP with latch-off
mode only.


Similar Part No. - ADM1275-1ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
More results

Similar Description - ADM1275-1ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
Distributed Power Hot-Swap Controller
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
logo
Linear Technology
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
??8 V Hot Swap Controller and Digital
REV. A
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
Power MOSFETs and Hot-Swap Controller
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com