Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 10 of 48
Pin No.
QSOP
LFCSP
Mnemonic
Description
12
10
SDA
Serial Data Input/Output Pin. Open-drain input/output. Requires an external resistive pull-up.
13
11
SCL
Serial Clock Pin. Open-drain input. Requires an external resistive pull-up.
14
12
PWRGD
Power-Good Signal. Used to indicate that the supply is within tolerance. This signal is based on the
voltage present on the FLB pin.
15
13
FLB
Foldback Pin. A foldback resistor divider is placed from the source of the FET to this pin. Foldback is
used to reduce the current limit when the source voltage drops. The foldback feature ensures that
the power through the FET is not increased beyond the SOA limits.
16
14
VOUT
This pin is used to read back the output voltage using the internal ADC. A 1 kΩ resistor should be
inserted in series between the source of a FET and the VOUT pin.
17
15
GND
Chip Ground Pin.
18
16
GATE
Gate Output Pin. This pin is the high-side gate drive of an external N-channel FET. This pin is driven
by the FET drive controller, which uses a charge pump to provide a pull-up current to charge the FET
gate pin. The FET drive controller regulates to a maximum load current by regulating the GATE pin.
GATE is held low when the supply is below UVLO.
19
17
SENSE−
Negative Current Sense Input Pin. A sense resistor between the SENSE+ pin and the SENSE− pin sets
the analog current limit. The hot-swap operation of the ADM1275 controls the external FET gate to
maintain the sense voltage (VSENSE+ − VSENSE−). This pin also connects to the FET drain pin.
20
18
SENSE+
Positive Current Sense Input Pin. This pin connects to the main supply input. A sense resistor
between the SENSE+ pin and the SENSE− pin sets the analog current limit. The hot-swap operation
of the ADM1275 controls the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−). This
pin is also used to measure the supply input voltage using the ADC.
N/A
EP
EPAD
Exposed Paddle on Underside of LFCSP. Solder the exposed paddle to the board to improve thermal
dissipation. The exposed paddle can be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com