Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 16 of 48
–80
–70
–60
–50
–40
–30
–20
–10
0
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
VCC = 12V
Figure 20. Timer Pull-Up Current, Overcurrent Fault (ITIMERUPFLT)
vs. Temperature
–20
0
20
40
60
80
–10
–8
–6
–4
–2
0
–40
TEMPERATURE (°C)
VCC = 12V
Figure 21. Timer Pull-Up Current, Power-On Reset (ITIMERUPPOR)
vs. Temperature
–40
–20
0
20
40
60
80
0
1.5
3.0
4.5
VCC = 12V
TEMPERATURE (°C)
Figure 22. Timer Pull-Down Current, Retry (ITIMERDNRT)
vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
1100
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
LOW THRESHOLD (VCC = 12V)
HIGH THRESHOLD (VCC = 12V)
Figure 23. Timer Thresholds vs. Temperature
–40
–20
0
TEMPERATURE (°C)
20
40
60
80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
2.95V
12V
20V
Figure 24. Foldback Threshold vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
2.95V
12V
20V
–40
–20
0
TEMPERATURE (°C)
20
40
60
80
Figure 25. Foldback Hysteresis Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com