Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 15 of 48
0
5
10
15
20
25
30
0
5
10
15
20
25
VGATE (V)
VCC = 12V
VCC = 2.95V
Figure 14. Gate Pull-Up Current (IGATEUP) vs. Gate Voltage (VGATE)
–40
–35
–30
–25
–20
–15
–10
–5
0
TEMPERATURE (°C)
VCC = 12V
–40
–20
0
20
40
60
80
Figure 15. Gate Pull-Up Current (IGATEUP) vs. Temperature
0
2
4
6
8
10
12
14
16
2
20
VCC (V)
+85°C
+25°C
–40°C
4
6
8
10
12
14
16
18
Figure 16. Gate Drive Voltage (ΔVGATE) vs. Supply Voltage (VCC), No Load
0
2
4
6
8
10
12
14
16
VCC (V)
2
4
6
8
10
12
14
16
18
20
+25°C
+85°C
–40°C
Figure 17. Gate Drive Voltage (ΔVGATE) vs. Supply Voltage (VCC), 5 µA Load
0
2
4
6
8
10
12
14
16
–40
–20
0
20
40
60
TEMPERATURE (°C)
VCC = 12V
VCC = 20V
VCC = 2.95V
80
Figure 18. Gate Drive Voltage (ΔVGATE) vs. Temperature, No Load
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
–40
TEMPERATURE (°C)
VCC = 12V
–20
0
20
40
60
80
Figure 19. Soft Start Pull-Up Current (ISS) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com