Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 24Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 25Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 22 of 48
Q1
SENSE–
GND
GATE
VCC
SENSE+
BIAS
CURRENT
2.95V
TO 20V
Figure 49. Connection of Multiple Sense Resistors to the SENSE Pins
CURRENT LIMIT REFERENCE
The current limit reference voltage determines the load current
level to which the ADM1275 limits the current during an
overcurrent event. This reference voltage is compared to the
gained-up current sense voltage to determine whether the limit
is reached.
An internal current limit reference selector block continuously
compares the ISET, soft start, and foldback voltages to determine
which voltage is the lowest at any given time; the lowest voltage
is used as the current limit reference. This ensures that the
programmed current limit, ISET, is used in normal operation,
and that the soft start and foldback features reduce the current
limit when required during startup and/or fault conditions.
RSENSE
Q1
SENSE–
GND
GATE
VCC
ISET
SS
FLB
SENSE+
ADM1275
OVER-
CURRENT
×50
Figure 50. Current Limit Reference Selection
The foldback and soft start voltages vary during different modes
of operation and are, therefore, clamped to minimum levels of
200 mV and 100 mV, respectively, to prevent zero current flow
due to the current limit being too low. Figure 51 provides an
example of how the soft start, foldback, and ISET voltages
interact during startup as the ADM1275 is enhancing the FET
and charging the load capacitances. Depending on how the soft
start and foldback features are configured, the hand-off point
can vary to ensure that the FET is operated correctly.
SS
FLB
ISET
1V
0.2V
0.1V
V
t
CURRENT LIMIT
REFERENCE
Figure 51. Interaction of Soft Start, Foldback, and ISET Current Limits
SETTING THE CURRENT LIMIT (ISET)
The maximum current limit is partially determined by selecting
a sense resistor to match the current sense voltage limit on the
controller for the desired load current. However, as currents
become larger, the sense resistor requirements become smaller,
and resolution can be difficult to achieve when selecting the
appropriate sense resistor. The ADM1275 provides an adjustable
current sense voltage limit to handle this issue. The device allows
the user to program the required current sense voltage limit
from 5 mV to 25 mV.
The default value of 20 mV is achieved by connecting the ISET
pin directly to the VCAP pin. This configures the device to use
an internal 1 V reference, which equates to 20 mV at the sense
inputs (see Figure 52).
ADM1275
VCAP
ISET
C1
GND
Figure 52. Fixed 20 mV Current Sense Limit
To program the sense voltage from 5 mV to 25 mV, a resistor
divider is used to set a reference voltage on the ISET pin (see
Figure 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com