Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 20 of 48
FUNCTIONAL BLOCK DIAGRAMS
GATE
SENSE+
TIMER
TIMER
ADM1275-1
GND
SENSE–
VCC
VCP
×50
+
–
VCAP
IOUT
UV
OV
1.0V
1.0V
VOUT
VOUT
SCL
SDA
ADR
SENSE+
IOUT
LDO
CHARGE
PUMP
TIMEOUT
GPO2/ALERT2
PWRGD
GPO1/ALERT1/CONV
LATCH
CURRENT
LIMIT
SS
CURRENT
LIMIT
FLB
ISET
TIMEOUT
CURRENT
LIMIT
CONTROL
REF
SELECT
1.0V
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
–
+
–
+
–
+
12-BIT
ADC
Figure 43. ADM1275-1 Functional Block Diagram
GATE
SENSE+
TIMER
TIMER
ADM1275-2
GND
SENSE–
VCC
VCP
VCAP
IOUT
UV
1.0V
VOUT
SCL
SDA
ADR
SENSE+
IOUT
LDO
CHARGE
PUMP
TIMEOUT
PWRGD
GPO1/ALERT1/CONV
CURRENT
LIMIT
SS
CURRENT
LIMIT
FLB
ISET
TIMEOUT
CURRENT
LIMIT
CONTROL
REF
SELECT
1.0V
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
×50
+
+
–
–
+
–
12-BIT
ADC
Figure 44. ADM1275-2 Functional Block Diagram
GATE
SENSE+
TIMER
TIMER
ADM1275-3
GND
SENSE–
VCC
VCP
VCAP
ENABLE
IOUT
UV
OV
1.0V
1.0V
VOUT
VOUT
12-BIT
ADC
SCL
SDA
ADR
SENSE+
IOUT
LDO
CHARGE
PUMP
TIMEOUT
GPO2/ALERT2
PWRGD
LATCH
CURRENT
LIMIT
SS
CURRENT
LIMIT
FLB
ISET
TIMEOUT
CURRENT
LIMIT
CONTROL
REF
SELECT
1.0V
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
×50
+
+
+
–
–
–
Figure 45. ADM1275-3 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com