Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ARQZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1275-1ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1275-1ARQZ-R7 Datasheet HTML 3Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1275-1ARQZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 7 of 48
SERIAL BUS TIMING CHARACTERISTICS
tR = (VIL(MAX) – 0.15) to (VIH3V3 + 0.15) and tF = 0.9VDD to (VIL(MAX) – 0.15); where VIH3V3 = 2.1 V and VDD = 3.3 V.
Table 2.
Parameter
Description
Min
Typ
Max
Unit
Test Conditions/Comments
fSCLK
Clock frequency
400
kHz
tBUF
Bus free time
1.3
µs
Following the stop condition of a read transaction
4.7
µs
Following the stop condition of a write transaction
tHD;STA
Start hold time
0.6
µs
tSU;STA
Start setup time
0.6
µs
tSU;STO
Stop setup time
0.6
µs
tHD;DAT
SDA hold time
300
900
ns
tSU;DAT
SDA setup time
100
ns
tLOW
SCL low time
1.3
µs
tHIGH
SCL high time
0.6
µs
tR
SCL, SDA rise time
20
300
ns
tF
SCL, SDA fall time
20
300
ns
Timing Diagram
tLOW
tBUF
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tHIGH
tR
tF
tSU;STO
P
S
S
P
VIH
VIL
VIH
VIL
SCL
SDA
Figure 2. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com