Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  DR73-4R7-R Datasheet HTML 1Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 2Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 3Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VIN, VAIN
Input Voltage
-0.3 to 14
V
VLX
LX to GND Voltage
-0.3 to VIN + 0.3
V
VFB
FB to GND Voltage
-0.3 to VIN + 0.3
V
VEN
EN to GND Voltage
-0.3 to VIN + 0.3
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
Thermal Information3
Symbol
Description
Value
Units
PD
Maximum Power Dissipation4
2.7
W
JA
Thermal Resistance
37
°C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on an FR4 board.
4. Derate 2.7mW/°C above 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com