Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  DR73-4R7-R Datasheet HTML 1Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 2Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 3Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Pin Descriptions
Pin #
Symbol
Function
1, 2, EP2
LX
Power switching node. LX is the drain of the internal P-channel switch and N-channel synchronous recti-
fier. Connect the output inductor to the two LX pins and to EP2. A large exposed copper pad under the
package should be used for EP2.
3, 12
N/C
Not connected.
4, 5
IN
Power source input. Connect IN to the input power source. Bypass IN to DGND with a 22μF or greater
capacitor. Connect both IN pins together as close to the IC as possible. An additional 100nF ceramic
capacitor should also be connected between the two IN pins and DGND, pin 6
6, 13,
14, EP1
DGND
Exposed Pad 1 Digital Ground, DGND. The exposed thermal pad (EP1) should be connected to board
ground plane and pins 6, 13, and 14. The ground plane should include a large exposed copper pad under
the package for thermal dissipation (see package outline).
7
AIN
Internal analog bias input. AIN supplies internal power to the AAT1162. Connect AIN to the input source
voltage and bypass to AGND with a 0.1μF or greater capacitor. For additional noise rejection, connect to
the input power source through a 10 or lower value resistor.
8
LDO
Internal LDO bypass node. The output voltage of the internal LDO is bypassed at LDO. The internal
circuitry of the AAT1162 is powered from LDO. Do not draw external power from LDO. Bypass LDO to
AGND with a 1μF or greater capacitor.
9FB
Output voltage feedback input. FB senses the output voltage for regulation control. For fixed output
versions, connect FB to the output voltage. For adjustable versions, drive FB from the output voltage
through a resistive voltage divider. The FB regulation threshold is 0.6V.
10
COMP
Control compensation node. Connect a series RC network from COMP to AGND, R = 51k and C = 150pF.
11
AGND
Analog signal ground. Connect AGND to PGND at a single point as close to the IC as possible.
15
EN
Active high enable input. Drive EN high to turn on the AAT1162; drive it low to turn it off. For automatic
startup, connect EN to IN through a 4.7k resistor. EN must be biased high, biased low, or driven to a
logic level by an external source. Do not let the EN pin float when the device is powered.
16
PGND
Power ground. Connect AGND to PGND at a single point as close to the IC as possible.
Pin Configuration
TDFN34-16
(Top View)
N/C
IN
IN
LX
LX
3
DGND
AIN
LDO
DGND
DGND
N/C
PGND
EN
AGND
COMP
FB
4
5
1
2
6
7
8
14
13
12
16
15
11
10
9
EP2
EP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com