Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR73-4R7-R Datasheet(PDF) 17 Page - Skyworks Solutions Inc.

Part # DR73-4R7-R
Description  12V, 1.5A Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR73-4R7-R Datasheet(HTML) 17 Page - Skyworks Solutions Inc.

Back Button DR73-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 17Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 18Page - Skyworks Solutions Inc. DR73-4R7-R Datasheet HTML 19Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
AAT1162 Losses
Total losses can be estimated by calculating the dropout (VIN = VO) losses where the power MOSFET RDS(ON) will be at
the maximum value. All values assume an 85°C ambient temperature and a 140°C junction temperature with the TDFN
37°C/W package.
PLOSS = ILOAD2 · RDS(ON)H = 1.5A2 · 0.158Ω = 0.355W
TJ(MAX) = TAMB + ΘJA · PLOSS = 85°C + (37°C/W) · 355mW = 96.6°C
The total losses are also investigated at the nominal input voltage (12V). The simplified version of the RDS(ON) losses
assumes that the N-channel and P-channel RDS(ON) are equal.
PTOTAL = ILOAD2 · RDS(ON) + [(tsw · FOSC · ILOAD + IQ) · VIN]
= 1.5A2 · 100mΩ + [(5ns · 800kHz · 1.5A + 150µA) · 12V] = 299mW
TJ(MAX) = TAMB + ΘJA · PLOSS = 85°C + (37°C/W) · 299mW = 96°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com